Electronic Components Datasheet Search
  English  ▼

X  

ST6280 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST6280
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6280 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST6280 Datasheet HTML 46Page - STMicroelectronics ST6280 Datasheet HTML 47Page - STMicroelectronics ST6280 Datasheet HTML 48Page - STMicroelectronics ST6280 Datasheet HTML 49Page - STMicroelectronics ST6280 Datasheet HTML 50Page - STMicroelectronics ST6280 Datasheet HTML 51Page - STMicroelectronics ST6280 Datasheet HTML 52Page - STMicroelectronics ST6280 Datasheet HTML 53Page - STMicroelectronics ST6280 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
50/78
ST62T80B/E80B
4.4.2 CLOCK GENERATION
The UART contains a built-in divider of the MCU
internal clock for most common Baud Rates as
shown in Table 18. Other baud rate values can be
calculated from the chosen oscillator frequency di-
vided by the Divisor value shown.
The divided clock provides a frequency that is 8
times the desired baud rate. This allows the Data
reception mechanism to provide a 2 to 1 majority
voting system to determine the logic state of the
asynchronous incoming serial logic bit by taking 3
timed samples within the 8 time states.
The bits not sampled provide a buffer to compen-
sate for frequency offsets between sender and re-
ceiver.
4.4.3 DATA TRANSMISSION
Transmission is fixed to a format of one start bit,
nine data bits and one stop bit. The start and stop
bits are automatically generated by the UART. The
nine databits are under control of the user and are
flexible in use. Bits 0..7 are typically used as data
bits while bit 9 is typically used as parity, but can
also be a 9th data bit or an additional Stop bit. As
parity is not generated by the UART, it should be
calculated by program and inserted in the appro-
priate position of the data (i.e as bit 7 for 7-bit data,
with Bit 9 set to 1 giving two effective stop bits or
as the independent bit 9).
Figure 26. Data Sampling Points
The character options are summarised in the fol-
lowing table.
Table 17. . Character Options
Bit 9 remains in the state programmed for consec-
utive transmissions until changed by the user or
until a character is received when the state of this
bit is changed to that of the incoming bit 9. The
recommended procedure is thus to set the value of
this bit before transmission is started.
Transmission is started by writing to the Data Reg-
ister (the Baud Rate and Bit 9 should be set before
this action). The UARTOE signal switches the out-
put multiplexer to the UART output and a start bit
is sent (a 0 for one bit time) followed by the 8 data
values (lsb first) and the value of the Bit9 bit. The
output is then set to 1 for a period of one bit time to
generate a Stop bit, and then the UARTOE signal
returns the TXD1 line to its alternate I/O function.
The end of transmission is flagged by setting
TXMT to 1 and an interrupt is generated if ena-
bled. The TXMT flag is reset by writing a 0 to the
bit position, it is also cleared automatically when a
new character is written to the Data Register.
TXMT can be set to 1 by software to generate a
software interrupt so care must be taken in manip-
ulating the Control Register.
Figure 27. Character Format
VR02010
1 BIT
0
1
2
345
6
7
8
SAMPLES
Start Bit
8 Data
1 Software Parity
1 Stop
Start Bit
9 Data
No Parity
1 Stop
Start Bit
8 Data
No Parity
2 Stop
Start Bit
7 Data
1 Software Parity
2 Stop
VR02012
POSITION
1
28
10
BIT
BIT
START
STOP
BIT
POSSIBLE
NEXT
CHARACTER
START
D0 D1
D7 D8
START OF DATA
9
1096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com