Electronic Components Datasheet Search
  English  ▼

X  

ST6280 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST6280
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6280 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST6280 Datasheet HTML 19Page - STMicroelectronics ST6280 Datasheet HTML 20Page - STMicroelectronics ST6280 Datasheet HTML 21Page - STMicroelectronics ST6280 Datasheet HTML 22Page - STMicroelectronics ST6280 Datasheet HTML 23Page - STMicroelectronics ST6280 Datasheet HTML 24Page - STMicroelectronics ST6280 Datasheet HTML 25Page - STMicroelectronics ST6280 Datasheet HTML 26Page - STMicroelectronics ST6280 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
23/78
ST62T80B/E80B
3.3 DIGITAL WATCHDOG
The digital Watchdog consists of a reloadable
downcounter timer which can be used to provide
controlled recovery from software upsets.
The Watchdog circuit generates a Reset when the
downcounter reaches zero. User software can
prevent this reset by reloading the counter, and
should therefore be written so that the counter is
regularly reloaded while the user program runs
correctly. In the event of a software mishap (usual-
ly caused by externally generated interference),
the user program will no longer behave in its usual
fashion and the timer register will thus not be re-
loaded periodically. Consequently the timer will
decrement down to 00h and reset the MCU. In or-
der to maximise the effectiveness of the Watchdog
function, user software must be written with this
concept in mind.
Watchdog behaviour is governed by one option,
known
as
“WATCHDOG
ACTIVATION”
(i.e.
HARDWARE or SOFTWARE) (See Table 8).
In the SOFTWARE option, the Watchdog is disa-
bled until bit C of the DWDR register has been set.
When the Watchdog is disabled, low power Stop
mode is available. Once activated, the Watchdog
cannot be disabled, except by resetting the MCU.
In the HARDWARE option, the Watchdog is per-
manently enabled. Since the oscillator will run con-
tinuously, low power mode is not available. The
STOP instruction is interpreted as a WAIT instruc-
tion, and the Watchdog continues to countdown.
When the MCU exits STOP mode (i.e. when an in-
terrupt is generated), the Watchdog resumes its
activity.
Table 8. Recommended Option Choices
Functions Required
Recommended Options
Stop Mode
“SOFTWARE WATCHDOG”
Watchdog
“HARDWARE WATCHDOG”
1069



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com