Electronic Components Datasheet Search
  English  ▼

X  

ST6280 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST6280
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6280 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST6280 Datasheet HTML 20Page - STMicroelectronics ST6280 Datasheet HTML 21Page - STMicroelectronics ST6280 Datasheet HTML 22Page - STMicroelectronics ST6280 Datasheet HTML 23Page - STMicroelectronics ST6280 Datasheet HTML 24Page - STMicroelectronics ST6280 Datasheet HTML 25Page - STMicroelectronics ST6280 Datasheet HTML 26Page - STMicroelectronics ST6280 Datasheet HTML 27Page - STMicroelectronics ST6280 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
24/78
ST62T80B/E80B
DIGITAL WATCHDOG (Cont’d)
The Watchdog is associated with a Data space
register (Digital WatchDog Register, DWDR, loca-
tion 0D8h) which is described in greater detail in
Section 3.3.1 . This register is set to 0FEh on Re-
set: bit C is cleared to “0”, which disables the
Watchdog; the timer downcounter bits, T0 to T5,
and the SR bit are all set to “1”, thus selecting the
longest Watchdog timer period. This time period
can be set to the user’s requirements by setting
the appropriate value for bits T0 to T5 in the
DWDR register. The SR bit must be set to “1”,
since it is this bit which generates the Reset signal
when it changes to “0”; clearing this bit would gen-
erate an immediate Reset.
It should be noted that the order of the bits in the
DWDR register is inverted with respect to the as-
sociated bits in the down counter: bit 7 of the
DWDR register corresponds, in fact, to T0 and bit
2 to T5. The user should bear in mind the fact that
these bits are inverted and shifted with respect to
the physical counter bits when writing to this regis-
ter. The relationship between the DWDR register
bits and the physical implementation of the Watch-
dog timer downcounter is illustrated in Figure 13.
Only the 6 most significant bits may be used to de-
fine the time period, since it is bit 6 which triggers
the Reset when it changes to “0”. This offers the
user a choice of 64 timed periods ranging from
3,072 to 196,608 clock cycles (with an oscillator
frequency of 8MHz, this is equivalent to timer peri-
ods ranging from 384 µs to 24.576ms).
Figure 14. Watchdog Counter Control
D0
D1
D3
D4
D5
D6
D7
C
SR
T5
T4
T3
T2
T1
D2
T0
OSC
÷12
RESET
VR02068A
÷28
1070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com