Electronic Components Datasheet Search
  English  ▼

X  

ST6280 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST6280
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6280 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST6280 Datasheet HTML 54Page - STMicroelectronics ST6280 Datasheet HTML 55Page - STMicroelectronics ST6280 Datasheet HTML 56Page - STMicroelectronics ST6280 Datasheet HTML 57Page - STMicroelectronics ST6280 Datasheet HTML 58Page - STMicroelectronics ST6280 Datasheet HTML 59Page - STMicroelectronics ST6280 Datasheet HTML 60Page - STMicroelectronics ST6280 Datasheet HTML 61Page - STMicroelectronics ST6280 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
58/78
ST62T80B/E80B
LCD CONTROLLER-DRIVER (Cont”d)
4.7.1 Multiplexing ratio and frame frequency
setting
Up to 16 common plates COM1..COM16 can be
used for multiplexing ratio of 1/8, 1/11 and 1/16.
The selection is made by the bits MUX11 and
MUX16 of the LCDCR as shown in the Table 20.
Table 20. Multiplexing ratio
If the 1/1 multiplexing ratio is chosen, LCD seg-
ments are refreshed with a frame frequency Flcd
derived from 32Khz clock with a division ratio de-
fined by the bits LF0..LF2 of the LCDCR.
When a higher multiplexing ratio is set, refreshment
frequency is decreased accordingly (Table 21).
Table 21. LCD Frame Frequency Selection
4.7.2 Segment and common plates driving
LCD panels physical structure requires precise
timings and stepped voltage values on common
and segment outputs. Timings are managed by
the LCD controller, while voltages are generated
through an external resistive bridge. In 1/11 and
1/8 multiplexing mode, VLCD 2/5 and VLDCD 3/5
are shorted as seen on Figure 31.
Figure 32.Bias Config for 1/2 Duty
Note: For display voltages VLCD < 4.5V the resis-
tivity of the divider may be too high for some appli-
cations (especially using 1/3 or 1/4 duty display
mode). In that case an external resistive divider
must be used to achieve the desired resistivity.
MUX11 MUX16
Display Mode
Active backplanes
0
0
1/8 mux.ratio
COM1-8
1
0
1/11 mux.ratio
COM1-16
0
1
1/16 mux.ratio
COM1-16
1
1
-
Reserved
LF1
LF0
Base
fLCD
(Hz)
Frame Frequency fF (Hz)
1/8
mux.ratio
1/11
mux.ratio
1/16
mux.ratio
0
1
128
128
93
64
1
0
170
170
124
85
0
0
256
256
186
128
1
1
512
512
372
256
1
1
Reserved
VLCD
VLCD 4/5
VLCD 3/5
VLCD 2/5
VLCD 1/5
GND
C4
C3
C2
C1
C1
C2
C3
GND
VLCD
R5
R4
R3
R2
R1
R4
R3
R2
R1
1/4 bias
(1/11, 1/8 MUX)
R2 to R5 should be 1K
Ω to 200KΩ
C1 to C5 should be 0µF to 0.3 µF
VR001662
VLCD 4/5
VLCD 3/5
VLCD 2/5
VLCD 1/5
(1/16 MUX)
1/5 bias
C5
Contrast
VS
VS
Contrast
C4
1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com