Electronic Components Datasheet Search
  English  ▼

X  

ST6280 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST6280
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6280 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST6280 Datasheet HTML 8Page - STMicroelectronics ST6280 Datasheet HTML 9Page - STMicroelectronics ST6280 Datasheet HTML 10Page - STMicroelectronics ST6280 Datasheet HTML 11Page - STMicroelectronics ST6280 Datasheet HTML 12Page - STMicroelectronics ST6280 Datasheet HTML 13Page - STMicroelectronics ST6280 Datasheet HTML 14Page - STMicroelectronics ST6280 Datasheet HTML 15Page - STMicroelectronics ST6280 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
12/78
ST62T80B/E80B
MEMORY MAP (Cont’d)
1.3.6 Data RAM/EEPROM and LCD RAM Bank
Register (DRBR)
Address: CBh
—
Write only
Bit 7 = This bit is not used
Bit 6 - DRBR6. This bit, when set, selects LCD
RAM Page 1.
Bit 5 - DRBR5. This bit, when set, selects LCD
RAM Page 2.
Bit 4 - DRBR4. This bit, when set, selects RAM
Page 2.
Bit 3 - DRBR3. This bit, when set, selects RAM
Page 1.
Bit2. These bits are not used.
Bit 1 - DRBR1. This bit, when set, selects
EEPROM Page 1.
Bit 0 - DRBR0. This bit, when set, selects
EEPROM Page 0.
The selection of the bank is made by programming
the Data RAM Bank Switch register (DRBR regis-
ter) located at address CBh of the Data Space ac-
cording to Table 1. No more than one bank should
be set at a time.
The DRBR register can be addressed like a RAM
Data Space at the address CBh; nevertheless it is
a write only register that cannot be accessed with
single-bit operations. This register is used to select
the desired 64-byte RAM/EEPROM bank of the
Data Space. The number of banks has to be load-
ed in the DRBR register and the instruction has to
point to the selected location as if it was in bank 0
(from 00h address to 3Fh address).
This register is not cleared during the MCU initiali-
zation, therefore it must be written before the first
access to the Data Space bank region. Refer to
the Data Space description for additional informa-
tion. The DRBR register is not modified when an
interrupt or a subroutine occurs.
Notes :
Care is required when handling the DRBR register
as it is write only. For this reason, it is not allowed
to change the DRBR contents while executing in-
terrupt service routine, as the service routine can-
not save and then restore its previous content. If it
is impossible to avoid the writing of this register in
interrupt service routine, an image of this register
must be saved in a RAM location, and each time
the program writes to DRBR it must write also to
the image register. The image register must be
written first, so if an interrupt occurs between the
two instructions the DRBR is not affected.
In DRBR Register, only 1 bit must be set. Other-
wise two or more pages are enabled in parallel,
producing errors.
Table 5. Data RAM Bank Register Set-up
70
-
DRBR6
DRBR5
DRBR4
DRBR3
-
DRBR1
DRBR0
DRBR
ST62T80B/E80B
00
None
01
EEPROM Page 0
02
EEPROM Page 1
08
RAM Page 1
10h
RAM Page 2
20h
LCD RAM Page 1
40h
LCD RAM Page 2
other
Reserved
1058



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com