Electronic Components Datasheet Search
  English  ▼

X  

WM8756 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8756 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
15
I
2S MODE
In I
2S mode, the MSB is sampled on the second rising edge of BCKIN following a LRCIN transition.
LRCIN is low during the left samples and high during the right samples.
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN0/1/2
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCKIN
1 BCKIN
Figure 8 I
2S Mode Timing Diagram
DSP EARLY MODE
In DSP early mode, the first bit is sampled on the BCKIN edge following the one which detects a low to
high transition on LRCIN.
1 BCKIN
LRCIN
BCKIN
DIN0
Input Word Length (IWL)
1/fs
CHANNEL 0
LEFT
n
2
1
n-1
LSB
MSB
n
2
1
n-1
CHANNEL 0
RIGHT
2
1
CHANNEL 1
LEFT
n
n-1
CHANNEL 2
RIGHT
NO VALID DATA
1 BCKIN
Figure 9 DSP Early Mode Timing Diagram
DSP LATE MODE
In DSP late mode, the first bit is sampled on the BCKIN edge which detects a low to high transition on
LRCIN.
LRCIN
BCKIN
DIN0
Input Word Length (IWL)
1/fs
CHANNEL 0
LEFT
n
2
1
n-1
LSB
MSB
n
2
1
n-1
CHANNEL 0
RIGHT
2
1
CHANNEL 1
LEFT
n
n-1
CHANNEL 2
RIGHT
NO VALID DATA
1
Figure 10 DSP Late Mode Timing Diagram
In both early and late DSP modes, DAC0 left is always sent first, followed immediately by data words for
the other 5 channels. No BCKIN edges are allowed between the data words. The word order is DAC0 left,
DAC0 right, DAC1 left, DAC1 right, DAC2 left, DAC2 right.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com