Electronic Components Datasheet Search
  English  ▼

X  

WM8756 Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8756 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 39Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
36
SUGGESTED ANALOGUE LOW PASS POST DAC FILTERS
For PCM operation, the low out of band noise from the WM8756 means that a low order post DAC filter can be used such
as 2
nd order Salen and Key type.
External 2nd OrderLPF
x2 for Stereo Operation
680pF
-
+
7.5k
Ω
1000pF
1.8k
Ω
Filtered
Analogue
Output
OUTnR
OUTnL
10k
Ω
10k
Ω
Figure 31 Second order active RC low pass filter
For SACD operation a 3
rd order filter may be used to meet Scarlet book standards (-3dB point at maximum 50kHz,
minimum 30dB attenuation at 100kHz) when combined with the filter response of the internal FIR filter. Such a filter may be
built using a single opamp in similar fashion to the second order filter above, so costing little extra to implement. The same
filter may also be used very satisfactorily for PCM operation.
External 3rd OrderLPF
x2 for Stereo Operation
100pF
-
+
10k
Ω
1500pF
10k
Ω
680pF
10k
Ω
Filtered
Analogue
Output
OUTnR
OUTnL
10k
Ω
10k
Ω
Figure 32 Third order active RC low pass filter
RECOMMENDED APPLICATIONS
Audio data carrier
e.g. DVD, SACD TM
DSD decoder
PCM Decoder
e.g. AC-3, DTS
WM8756
6-channel
DAC
Front left
Surround left
LFE
Centre
Surround right
Front right
Figure 33 Combined PCM and DSD Circuit Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com