Electronic Components Datasheet Search
  English  ▼

X  

WM8756 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8756 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
20
With IZD enabled, applying MUTE for 1024 consecutive input samples will cause all outputs to be
connected directly to VCAP. Additionally, if 2048 consecutive zero input samples are applied to all 6
channels, and IZD=0, internal analogue mute will be applied. It will be removed as soon as any channel
receives a non-zero input.
The MUTE pin can be used as an input. In this case it performs the same function as the MUTE register
bit. Driving the MUTE pin high will apply a 'soft' mute. Driving it low again, will remove the MUTE
immediately. Note that this hardware mute feature doesn't require the MODE pin to be set high.
MUTE PIN
DESCRIPTION
0
Normal Operation
1
Mute all DAC channels
floating
Enable IZD, Mute becomes an output to indicate when IZD occurs.
A diagram showing how the various Mute modes interact is shown below in Figure 13.
IZD (Register Bit)
AUTOMUTED
(Internal Signal)
10k
Ω
Ω
Ω
Ω
MU (Register Bit)
SOFTMUTE
(Internal
Signal)
MUTE
PIN
Figure 13 Selection Logic for MUTE Modes
The MUTE pin behaves as a bi-directional function, that is, as an input to select MUTE or NOT-MUTE, or
as an output indication of automute operation. MUTE is active high; taking the pin high causes the filters
to soft mute, ramping down the audio signal over a few milliseconds. Taking MUTE low again allows data
into the filter.
The automute function detects a series of zero value audio samples of 1024 samples long being applied
to all 6 channels. After such an event, a latch is set whose output (AUTOMUTED) is wire OR’ed through a
10kohm resistor to the MUTE pin. Thus if the MUTE pin is not being driven, the automute function will
assert MUTE.
If MUTE is tied low, AUTOMUTED is overridden and will not mute. If MUTE is driven from a source
follower, or diode, then both MUTE and automute functions are available. If MUTE is not driven,
AUTOMUTED appears as a weak output (10k source impedance) so can be used to drive external mute
circuits. The automute signal is AND’ed with IZD, this qualified mute signal then being OR’ed into the
SOFTMUTE control. Therefore, in software mode, automute operation may be controlled with IZD control
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com