Electronic Components Datasheet Search
  English  ▼

X  

WM8756 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8756 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
16
SPLIT RATE MODE
The WM8756 can be used with differing sample rates on the front and rear channels.
This allows
extremely high quality audio to be played on the front two channels whilst the other channels use normal
high quality data streams.
This mode will only work with a front data rate of 192kHz and a rear rate of 96kHz but can be used with all
the normal data formats except the two DSP modes and with the system at either 128fs or 192fs see
Figure 11.
When running in split rate mode all the channels are clocked in using a common BCKIN; the front
channels using LRCIN and all the other channels using LRCIN2 see Figure 11.
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN0
2/fs
LSB
MSB
LSB
MSB
LEFT CHANNEL
RIGHT CHANNEL
n
2
1n
2
1n
2
1n
2
1
LSB
MSB
LSB
MSB
n
2
1
n
2
1
MSB
LSB
LSB
MSB
DIN1/2
LRCIN2
LEFT CHANNEL
RIGHT CHANNEL
Figure 11 Split Rate Audio Mode Timing Diagram
Notes:
1. Figure 11 shows the timing for left justified. However, this is similar for right justified and I2S.
2. The edges of LRCIN and LRCIN2 must be coincidental.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com