Electronic Components Datasheet Search
  English  ▼

X  

6014 Datasheet(PDF) 5 Page - Mallory performance club

Part # 6014
Description  MSD LS Ignition Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6014 Datasheet(HTML) 5 Page - Mallory performance club

  6014 Datasheet HTML 1Page - Mallory performance club 6014 Datasheet HTML 2Page - Mallory performance club 6014 Datasheet HTML 3Page - Mallory performance club 6014 Datasheet HTML 4Page - Mallory performance club 6014 Datasheet HTML 5Page - Mallory performance club 6014 Datasheet HTML 6Page - Mallory performance club 6014 Datasheet HTML 7Page - Mallory performance club 6014 Datasheet HTML 8Page - Mallory performance club 6014 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
INSTALLATION INSTRUCTIONS
5
MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344
MOUNTING
The LS Ignition must be mounted in a sturdy, dry location and not exposed to extreme heat. It
should be mounted using the included rubber isolators to limit excessive vibration. The unit is fully
potted, but should not be immersed or subjected to direct spray from a power washer.
MSDView
The MSDView software allows editing of the first four timing tabs, as well as turning features on/off
and setting up and retrieving data logs. The following information gives a brief explanation of each
function or feature in the system and the settings that control them. While using the software, you
can mouse over each item for a brief on-screen explanation.
Note: Make sure MSDView is installed on the PC prior to connecting the LS Ignition Controller.
INSTALLATION OF THE MSDVIEW SOFTWARE
1. Insert the installation Flashdrive into available USB port.
2. Locate the ‘autorun.exe’ file on the Flashdrive.
3. Click on “Install MSD View Software”. Click ‘Yes’ when asked ‘Do you want the following program
to make changes to this computer?’.
4. Click ‘Next’ in the ‘Setup - MSD View’ window.
Accept the License Agreement and click ‘Next’.
Choose to accept the desktop icon then click ‘Install’.
Click ‘Finish’ to run application.
5. Connect the LS Controller via USB and wait for it to be listed in the product window..
It will be listed in the product window. Select the LS Controller by highlighting the line or checking
the box and clicking the ‘View/Hide’ button.
Note: The first time the unit is connected, it may prompt for updates to be installed.
Note: The LS Ignition Controller requires a 30 Amp fused power source.
Do not power the unit directly through the Ignition Key switch.
Figure 3 Recommended Relay Set-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com