Electronic Components Datasheet Search
  English  ▼

X  

6014 Datasheet(PDF) 11 Page - Mallory performance club

Part # 6014
Description  MSD LS Ignition Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6014 Datasheet(HTML) 11 Page - Mallory performance club

Back Button 6014 Datasheet HTML 4Page - Mallory performance club 6014 Datasheet HTML 5Page - Mallory performance club 6014 Datasheet HTML 6Page - Mallory performance club 6014 Datasheet HTML 7Page - Mallory performance club 6014 Datasheet HTML 8Page - Mallory performance club 6014 Datasheet HTML 9Page - Mallory performance club 6014 Datasheet HTML 10Page - Mallory performance club 6014 Datasheet HTML 11Page - Mallory performance club 6014 Datasheet HTML 12Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
INSTALLATION INSTRUCTIONS
11
MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344
REV LIMIT SOURCE
Indicates which source will be limiting the motor . It will be Key Off
when connected via USB, Launch when the launch wire is activated
or Maximum any other time.
IGNITION VOLTAGE
This is the voltage being supplied to the unit. This is also the voltage
being supplied to the coils - so it is important that it remains over 12V
to supply proper power to them.
ENGINE COOLANT
This is the engine coolant temperature in Celsius or Fahrenheit. It will
TEMPERATURE
display -40°C if the sensor is not connected or open and 130°C if it
is shorted.
RECORDINGS
Number of recordings stored on the device
STORAGE SPACE
Amount of free storage space for the recordings
RECORDING
Indicates if the unit is currently recording a data file
ROTARY DIAL SELECT
Indicates which timing table is selected with the rotary dial and will
be used for timing control.
TIME FROM LAUNCH
Indicates the length of time since the Launch Input was de-activated.
Used for Launch Retard.
ALERTS
FAULTS
Description/Cause
MAP SENSOR FAULT
MAP sensor problem (open or shorted)
BATTERY
Activates if voltage drops below 9V or goes above 18V
ECT SENSOR
Displays -40°C if temp sensor is not connected; the controller will
default it to 50°C in the temperature timing control table
CAM FAULT
RPM is detected but no cam sensor signal is present
CRANK FAULT
Camshaft sensor signal is present, but no engine speed is detected
EEPROM READ ERROR
EEPROM data corrupted
EEPROM WRITE ERROR
Error writing to EEPROM
FLASH READ ERROR
Flash data corrupted
FLASH WRITE ERROR
Error writing to flash
FLASH FULL
The flash is out of memory. Data acquisition is stopped. The user
needs to delete recordings
DATA ACQUISITION
The data acquisition buffer is 90% full
BUFFER WARNING
DATA ACQUISITION
The data acquisition buffer is full
BUFFER FULL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com