Electronic Components Datasheet Search
  English  ▼

X  

6014 Datasheet(PDF) 8 Page - Mallory performance club

Part # 6014
Description  MSD LS Ignition Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6014 Datasheet(HTML) 8 Page - Mallory performance club

Back Button 6014 Datasheet HTML 4Page - Mallory performance club 6014 Datasheet HTML 5Page - Mallory performance club 6014 Datasheet HTML 6Page - Mallory performance club 6014 Datasheet HTML 7Page - Mallory performance club 6014 Datasheet HTML 8Page - Mallory performance club 6014 Datasheet HTML 9Page - Mallory performance club 6014 Datasheet HTML 10Page - Mallory performance club 6014 Datasheet HTML 11Page - Mallory performance club 6014 Datasheet HTML 12Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
INSTALLATION INSTRUCTIONS
MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344
Figure 5 Timing Tables LS1
HO Tables: These tabs are similar to the regular tables, but have 4-5 more degrees of timing
added in the wide open throttle areas. These should only be used while using high octane
fuel (91-93 Octane).
Note: The timing output from the selected table will be modified by the “TEMPERATURE” correction
as well as the “INDIVIDUAL CYLINDER” timing. The sum of all these values is the final timing
to the engine.
INDIVIDUAL CYLINDER
These tables control individual cylinder timing. Each CYL # is the actual cylinder number of the en-
gine. Positive values advance the timing and negative values retard the timing. The axes are load
and RPM and are shared with the main custom timing tables (Custom 1-4). If the axis values are
changed in these tables, they will also change in the custom timing tables.
TEMPERATURE
Running an engine coolant temp sensor is not required, but recommended for optimum operation
and engine protection. When the coolant temperature is high, the engine can generally not with-
stand quite as much timing as when the temperature is low. The default graph is a little more ag-
gressive than in an OEM application, but should work well. If the sensor is not installed or is faulted
(shorted or open) the temperature in the graph will default to 50C (122F) so the numbers surrounding
50C should be left at 0.
Note: The Timing vs Temperature table values are based on the use of the stock LS GM coolant
temp sensor. Do not use a different sensor unless you know the calibration is the same.
STEP RETARD (PINK WIRE)
The “Step Retard” (nitrous) input, will retard the ignition timing when it is activated with +12V power.
It is helpful if you are using a power adder and need to retard the timing while it is active. The fol-
lowing describes how the activation/deactivation works:
TOTAL RETARD: The maximum amount of timing that will be removed after the “ON Ramp
Time” has been passed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com