Electronic Components Datasheet Search
  English  ▼

X  

6014 Datasheet(PDF) 9 Page - Mallory performance club

Part # 6014
Description  MSD LS Ignition Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6014 Datasheet(HTML) 9 Page - Mallory performance club

Back Button 6014 Datasheet HTML 4Page - Mallory performance club 6014 Datasheet HTML 5Page - Mallory performance club 6014 Datasheet HTML 6Page - Mallory performance club 6014 Datasheet HTML 7Page - Mallory performance club 6014 Datasheet HTML 8Page - Mallory performance club 6014 Datasheet HTML 9Page - Mallory performance club 6014 Datasheet HTML 10Page - Mallory performance club 6014 Datasheet HTML 11Page - Mallory performance club 6014 Datasheet HTML 12Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
INSTALLATION INSTRUCTIONS
9
MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344
MINIMUM ENGINE SPEED: This is the minimum engine speed that must be met to retard
the timing. If the “Step Retard” wire is activated below this RPM, it will have no effect and
will not retard the timing. Set this at 0 (zero) if you want the step retard to be active regard-
less of engine RPM.
ON RAMP TIME: The time that it will take to reach the full “Total Retard”. This will allow for
a softer timing retard over time. For example, if you have 10 degrees of Total Retard and
a 1 second ramp time, the controller will retard 1 degree every 0.1 seconds until the full 10
degrees of timing has been pulled out. This timer will not begin until the “Minimum Engine
Speed” is met. Setting On Ramp Time to 0 (zero) will cause an immediate timing retard cor-
responding to the Total Retard.
OFF DELAY: The time the Total Retard remains in effect after the “Step Retard” is deacti-
vated. This can ensure that the intake manifold is void of residual nitrous. This will also delay
the “Off Ramp Time” from starting - meaning that it is additive with respect to the Off Ramp
Time
OFF RAMP TIME: This will decay the effect of the Total Retard - effectively ramping timing
back into the motor instead of removing it instantaneously. Timing will start ramping back in
after the “Off Delay” has expired.
LAUNCH RETARD
The LAUNCH RETARD is used to set the ignition timing during the 10 seconds after the launch wire
is released. It can be helpful in optimizing traction immediately after launch. The Time From Launch
is a monitor item and it is used by the LAUNCH RETARD table.
Figure 6 Launch Retard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com