Electronic Components Datasheet Search
  English  ▼

X  

6014 Datasheet(PDF) 10 Page - Mallory performance club

Part # 6014
Description  MSD LS Ignition Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6014 Datasheet(HTML) 10 Page - Mallory performance club

Back Button 6014 Datasheet HTML 4Page - Mallory performance club 6014 Datasheet HTML 5Page - Mallory performance club 6014 Datasheet HTML 6Page - Mallory performance club 6014 Datasheet HTML 7Page - Mallory performance club 6014 Datasheet HTML 8Page - Mallory performance club 6014 Datasheet HTML 9Page - Mallory performance club 6014 Datasheet HTML 10Page - Mallory performance club 6014 Datasheet HTML 11Page - Mallory performance club 6014 Datasheet HTML 12Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
INSTALLATION INSTRUCTIONS
MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344
DATA ACQUISITION
The data recorder on the LS Ignition system is a programmable 8MB storage system. It is meant to
be a recording device to observe RPM, timing, input activations and a number of other different pa-
rameters while racing down the track. Once the memory is full, the system will stop recording data
until the user deletes some of the recordings.
SETTINGS
DATA ACQUISITION: Master Enable/Disable switch
START RECORDING ABOVE: The engine speed must be greater than this to begin re-
cording.
ACTIVATE WITH LAUNCH INPUT: If this is enabled, recordings will not start unless the
“Launch” wire is activated. If it is disabled, recordings can start whenever the RPM
conditions are met.
STOP RECORDING BELOW: If the engine speed falls below this, the recording will stop.
MAX RECORDING TIME: This is the longest any single recording can be. If the time is
expired and all other conditions are still met a new recording will automatically begin.
CHANNELS
CHANNEL
Description
ENGINE SPEED
The Speed of the motor in RPM
IGNITION TIMING
Ignition timing referenced to Top Dead Center (TDC)
MAP
The Intake Manifold Absolute Pressure in kPa or PSIA
LAUNCH
Launch wire: activated = 1; not activated = 0
STEP RETARD
Step Retard wire: activated = 1; not activated = 0
ECT
Engine Coolant Temperature. It will show -40°C if not connected, but the
controller will default it to 50°C in the temperature timing control
IGNITION VOLTAGE The voltage being supplied to the unit and the coils. It is important that it
remains over 12V to supply proper power to them.
MAP FAULT
Indicates the MAP sensor is open or shorted
BATTERY FAULT
Activates if voltage drops below 9V or goes above 18V
CAM FAULT
Indicates a problem with the camshaft position sensor (CMP). It will acti-
vate if RPM is detected but no cam sensor signal is detected
CRANK FAULT
Indicates a camshaft sensor (CMP) signal is detected, but no engine speed
is detected - likely resulting from a Crankshaft Position Sensor (CKP) fault
Note: The system has a limit of 10 minutes of recording every time the Data Acquisition is en-
abled; that includes the initial enable at power up. After the limit is reached, the user must
disable and re-enable the Data Acquisition in order for the system to continue recording.
MONITORS
MONITORS
Description
ROTARY DIAL POSITION
Indicates which timing table is selected
ENGINE SPEED
Engine speed in RPM
IGNITION TIMING
Ignition timing referenced to Top Dead Center (TDC)
MAP
Intake Manifold Absolute Pressure in kPa or PSIA
LAUNCH INPUT
Launch Wire (blue) status (active or inactive)
STEP RETARD INPUT
Step Retard (nitrous) status (active or inactive)
RUN TIME
The length of time the engine has been running (resets with every
power on cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com