Electronic Components Datasheet Search
  English  ▼

X  

6014 Datasheet(PDF) 7 Page - Mallory performance club

Part # 6014
Description  MSD LS Ignition Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6014 Datasheet(HTML) 7 Page - Mallory performance club

Back Button 6014 Datasheet HTML 3Page - Mallory performance club 6014 Datasheet HTML 4Page - Mallory performance club 6014 Datasheet HTML 5Page - Mallory performance club 6014 Datasheet HTML 6Page - Mallory performance club 6014 Datasheet HTML 7Page - Mallory performance club 6014 Datasheet HTML 8Page - Mallory performance club 6014 Datasheet HTML 9Page - Mallory performance club 6014 Datasheet HTML 10Page - Mallory performance club 6014 Datasheet HTML 11Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
INSTALLATION INSTRUCTIONS
7
MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344
CUSTOM 1: This tab contains two sub tabs with plots that are similar to MSD PN6010/
PN6012 ignition controllers. The “Engine Speed” tab is similar to springs and weights that
would normally be found in a distributor. Set the base timing at your idle RPM and draw
Figure 4 Custom Timing Table 1
the advance curve as a normal distributor would. The “MAP” table represents a vacuum
advance canister as well as a boost retard. Under a vacuum, it should advance the timing
(positive values) and under boost it should retard values (negative numbers).
CUSTOM 2-4: These tabs are standard 3-D timing tables. The ignition timing will corre-
spond to the value in the cell (the applicable cell being defined by RPM and engine load).
TRUCK: This tab is a timing table to be used on 4.8, 5.3 and 6.0L motors with low octane
fuel.
LS1: This tab is a timing table to be used on a LS1 with low octane fuel.
LS2-3-6-7: This tab is a timing table to be used on a LS2-3-6-7 or 6.2L truck motor with low
octane fuel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com