Electronic Components Datasheet Search
  English  ▼

X  

LM6172 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6172
Description  Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6172 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM6172 Datasheet HTML 1Page - National Semiconductor (TI) LM6172 Datasheet HTML 2Page - National Semiconductor (TI) LM6172 Datasheet HTML 3Page - National Semiconductor (TI) LM6172 Datasheet HTML 4Page - National Semiconductor (TI) LM6172 Datasheet HTML 5Page - National Semiconductor (TI) LM6172 Datasheet HTML 6Page - National Semiconductor (TI) LM6172 Datasheet HTML 7Page - National Semiconductor (TI) LM6172 Datasheet HTML 8Page - National Semiconductor (TI) LM6172 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
3 kV
Machine Model
300V
Supply Voltage (V
+ −V−)
36V
Differential Input Voltage (Note 9)
±10V
Output Short Circuit to Ground
(Note 3)
Continuous
Storage Temp. Range
−65˚C to +150˚C
Maximum Junction Temperature
(Note 4)
150˚C
Operating Ratings(Note 1)
Supply Voltage
5.5V
≤ V
S ≤ 36V
Junction Temperature Range
LM6172I
−40˚C
≤ T
J ≤ +85˚C
Thermal Resistance (
θ
JA)
N Package, 8-Pin Molded DIP
95˚C/W
M Package, 8-Pin Surface Mount
160˚C/W
±15V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C,V
+ = +15V, V− = −15V, V
CM = 0V, and RL = 1kΩ. Boldface
limits apply at the temperature extremes
Typ
(Note 5)
LM6172I
Symbol
Parameter
Conditions
Limit
Units
(Note 5)
V
OS
Input Offset Voltage
0.4
3
mV
4
max
TC V
OS
Input Offset Voltage
6
µV/˚C
Average Drift
I
B
Input Bias Current
1.2
3
µA
4
max
I
OS
Input Offset Current
0.02
2
µA
3
max
R
IN
Input Resistance
Common Mode
40
M
Ω
Differential Mode
4.9
R
O
Open Loop Output Resistance
14
Ω
CMRR
Common Mode Rejection Ratio
V
CM = ±10V
110
70
dB
65
min
PSRR
Power Supply Rejection Ratio
V
S = ±15V to ±5V
95
75
dB
70
min
A
V
Large Signal Voltage
R
L = 1kΩ
86
80
dB
Gain (Note 6)
75
min
R
L = 100Ω
78
65
dB
60
min
V
O
Output Swing
R
L = 1kΩ
13.2
12.5
V
12
min
−13.1
−12.5
V
−12
max
R
L = 100Ω
96
V
5
min
−8.5
−6
V
−5
max
Continuous Output Current
Sourcing, R
L = 100Ω
90
60
mA
(Open Loop) (Note 7)
50
min
Sinking, R
L = 100Ω
−85
−60
mA
−50
max
I
SC
Output Short Circuit
Sourcing
107
mA
Current
Sinking
−105
mA
I
S
Supply Current
Both Amplifiers
4.6
8
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com