Electronic Components Datasheet Search
  English  ▼

X  

LM6172 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6172
Description  Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6172 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM6172 Datasheet HTML 7Page - National Semiconductor (TI) LM6172 Datasheet HTML 8Page - National Semiconductor (TI) LM6172 Datasheet HTML 9Page - National Semiconductor (TI) LM6172 Datasheet HTML 10Page - National Semiconductor (TI) LM6172 Datasheet HTML 11Page - National Semiconductor (TI) LM6172 Datasheet HTML 12Page - National Semiconductor (TI) LM6172 Datasheet HTML 13Page - National Semiconductor (TI) LM6172 Datasheet HTML 14Page - National Semiconductor (TI) LM6172 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1
⁄2 LM6172 Simplified Schematic
Application Notes
LM6172 Performance Discussion
The LM6172 is a dual high-speed, low power, voltage feed-
back amplifier. It is unity-gain stable and offers outstanding
performance with only 2.3 mA of supply current per channel.
The
combination
of
100
MHz
unity-gain
bandwidth,
3000V/µs slew rate, 50 mA per channel output current and
other attractive features makes it easy to implement the
LM6172 in various applications. Quiescent power of the
LM6172 is 138 mW operating at ±15V supply and 46 mW at
±5V supply.
LM6172 Circuit Operation
The class AB input stage in LM6172 is fully symmetrical and
has a similar slewing characteristic to the current feedback
amplifiers. In the LM6172 Simplified Schematic, Q1 through
Q4 form the equivalent of the current feedback input buffer,
R
E the equivalent of the feedback resistor, and stage A buff-
ers the inverting input. The triple-buffered output stage iso-
lates the gain stage from the load to provide low output im-
pedance.
LM6172 Slew Rate Characteristic
The slew rate of LM6172 is determined by the current avail-
able to charge and discharge an internal high impedance
node capacitor. This current is the differential input voltage
divided by the total degeneration resistor R
E. Therefore, the
slew rate is proportional to the input voltage level, and the
higher slew rates are achievable in the lower gain configura-
tions.
When a very fast large signal pulse is applied to the input of
an amplifier, some overshoot or undershoot occurs. By plac-
ing an external series resistor such as 1 k
Ω to the input of
LM6172, the slew rate is reduced to help lower the over-
shoot, which reduces settling time.
Reducing Settling Time
The LM6172 has a very fast slew rate that causes overshoot
and undershoot. To reduce settling time on LM6172,a1k
Ω
resistor can be placed in series with the input signal to de-
crease slew rate. A feedback capacitor can also be used to
reduce overshoot and undershoot. This feedback capacitor
serves as a zero to increase the stability of the amplifier cir-
cuit. A 2 pF feedback capacitor is recommended for initial
evaluation. When the LM6172 is configured as a buffer, a
feedback resistor of 1 k
Ω must be added in parallel to the
feedback capacitor.
Another possible source of overshoot and undershoot
comes from capacitive load at the output. Please see the
section “Driving Capacitive Loads” for more detail.
Driving Capacitive Loads
Amplifiers driving capacitive loads can oscillate or have ring-
ing at the output. To eliminate oscillation or reduce ringing,
an isolation resistor can be placed as shown in
Figure 1. The
combination of the isolation resistor and the load capacitor
forms a pole to increase stability by adding more phase mar-
gin to the overall system. The desired performance depends
on the value of the isolation resistor; the bigger the isolation
resistor, the more damped (slow) the pulse response be-
comes. For LM6172, a 50
Ω isolation resistor is recom-
mended for initial evaluation.
DS012581-55
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com