Electronic Components Datasheet Search
  English  ▼

X  

LM6172 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6172
Description  Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6172 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM6172 Datasheet HTML 1Page - National Semiconductor (TI) LM6172 Datasheet HTML 2Page - National Semiconductor (TI) LM6172 Datasheet HTML 3Page - National Semiconductor (TI) LM6172 Datasheet HTML 4Page - National Semiconductor (TI) LM6172 Datasheet HTML 5Page - National Semiconductor (TI) LM6172 Datasheet HTML 6Page - National Semiconductor (TI) LM6172 Datasheet HTML 7Page - National Semiconductor (TI) LM6172 Datasheet HTML 8Page - National Semiconductor (TI) LM6172 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
±15V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C,V
+ = +15V, V− = −15V, V
CM = 0V, and RL = 1kΩ. Boldface
limits apply at the temperature extremes
Typ
(Note 5)
LM6172I
Symbol
Parameter
Conditions
Limit
Units
(Note 5)
9
max
±15V AC Electrical Characteristics
Unless otherwise specified, T
J = 25˚C, V
+ = +15V, V− = −15V, V
CM = 0V, and RL = 1kΩ
LM6172I
Symbol
Parameter
Conditions
Typ
Units
(Note 5)
SR
Slew Rate
A
V = +2, VIN = 13 VPP
3000
V/µs
A
V = +2, VIN = 10 VPP
2500
V/µs
Unity-Gain Bandwidth
100
MHz
−3 dB Frequency
A
V = +1
160
MHz
A
V = +2
62
MHz
Bandwidth Matching between Channels
2
MHz
φ
m
Phase Margin
40
Deg
t
s
Settling Time (0.1%)A
V = −1, VOUT = ±5V,
65
ns
R
L = 500Ω
A
D
Differential Gain (Note 8)
0.28
%
φ
D
Differential Phase (Note 8)
0.6
Deg
e
n
Input-Referred
f = 1 kHz
12
Voltage Noise
i
n
Input-Referred
f = 1 kHz
1
Current Noise
Second Harmonic
f = 10 kHz
−110
dB
Distortion (Note 10)
f = 5 MHz
−50
dB
Third Harmonic
f = 10 kHz
−105
dB
Distortion (Note 10)
f = 5 MHz
−50
dB
±5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = +5V, V− = −5V, V
CM = 0V, and RL = 1kΩ. Boldface
limits apply at the temperature extremes
Typ
(Note 5)
LM6172I
Symbol
Parameter
Conditions
Limit
Units
(Note 5)
V
OS
Input Offset Voltage
0.1
3
mV
4
max
TC V
OS
Input Offset Voltage
4
µV/˚C
Average Drift
I
B
Input Bias Current
1.4
2.5
µA
3.5
max
I
OS
Input Offset Current
0.02
1.5
µA
2.2
max
R
IN
Input Resistance
Common Mode
40
M
Ω
Differential Mode
4.9
R
O
Output Resistance
14
Ω
CMRR
Common Mode Rejection Ratio
V
CM = ±2.5V
105
70
dB
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com