Electronic Components Datasheet Search
  English  ▼

X  

LM6172 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6172
Description  Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6172 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM6172 Datasheet HTML 2Page - National Semiconductor (TI) LM6172 Datasheet HTML 3Page - National Semiconductor (TI) LM6172 Datasheet HTML 4Page - National Semiconductor (TI) LM6172 Datasheet HTML 5Page - National Semiconductor (TI) LM6172 Datasheet HTML 6Page - National Semiconductor (TI) LM6172 Datasheet HTML 7Page - National Semiconductor (TI) LM6172 Datasheet HTML 8Page - National Semiconductor (TI) LM6172 Datasheet HTML 9Page - National Semiconductor (TI) LM6172 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
±5V AC Electrical Characteristics (Continued)
Unless otherwise specified, T
J = 25˚C, V
+ = +5V, V− = −5V, V
CM = 0V, and RL = 1kΩ.
LM61722
Typ
(Note 5)
Symbol
Parameter
Conditions
Units
Distortion (Note 10)
f = 5 MHz
−50
dB
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF. Machine Model, 200Ω in series with 100 pF.
Note 3: Continuous short circuit operation can result in exceeding the maximum allowed junction temperature of 150˚C.
Note 4: The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(max) −TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT = ±5V. For VS = ±5V,
VOUT = ±1V.
Note 8: The open loop output current is the output swing with the 100
Ω load resistor divided by that resistor.
Note 9: Differential gain and phase are measured with AV = +2, VIN = 1VPP at 3.58 MHz and both input and output 75Ω terminated.
Note 10: Differential input voltage is applied at VS = ±15V.
Note 11: Harmonics are measured with AV = +2, VIN = 1VPP and RL = 100Ω.
Typical Performance Characteristics unless otherwise noted, T
A = 25˚C
Supply Voltage vs
Supply Current
DS012581-14
Supply Current vs
Temperature
DS012581-15
Input Offset Voltage
vs Temperature
DS012581-16
Input Bias Current vs
Temperature
DS012581-17
Short Circuit Current vs
Temperature (Sourcing)
DS012581-18
Short Circuit Current vs
Temperature (Sinking)
DS012581-35
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com