Electronic Components Datasheet Search
  English  ▼

X  

LM6172 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6172
Description  Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6172 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM6172 Datasheet HTML 1Page - National Semiconductor (TI) LM6172 Datasheet HTML 2Page - National Semiconductor (TI) LM6172 Datasheet HTML 3Page - National Semiconductor (TI) LM6172 Datasheet HTML 4Page - National Semiconductor (TI) LM6172 Datasheet HTML 5Page - National Semiconductor (TI) LM6172 Datasheet HTML 6Page - National Semiconductor (TI) LM6172 Datasheet HTML 7Page - National Semiconductor (TI) LM6172 Datasheet HTML 8Page - National Semiconductor (TI) LM6172 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM6172
Dual High Speed, Low Power, Low Distortion, Voltage
Feedback Amplifiers
General Description
The LM6172 is a dual high speed voltage feedback amplifier.
It is unity-gain stable and provides excellent DC and AC per-
formance. With 100 MHz unity-gain bandwidth, 3000V/µs
slew rate and 50 mA of output current per channel, the
LM6172 offers high performance in dual amplifiers; yet it
only consumes 2.3 mA of supply current each channel.
The LM6172 operates on ±15V power supply for systems
requiring large voltage swings, such as ADSL, scanners and
ultrasound equipment. It is also specified at ±5V power sup-
ply for low voltage applications such as portable video sys-
tems.
The LM6172 is built with National’s advanced VIP™ III (Ver-
tically Integrated PNP) complementary bipolar process. See
the LM6171 datasheet for a single amplifier with these same
features.
Features
(Typical Unless Otherwise Noted)
n Easy to Use Voltage Feedback Topology
n High Slew Rate
3000V/µs
n Wide Unity-Gain Bandwidth
100 MHz
n Low Supply Current
2.3 mA/Channel
n High Output Current
50 mA/channel
n Specified for ±15V and ±5V Operation
Applications
n Scanner I-to-V Converters
n ADSL/HDSL Drivers
n Multimedia Broadcast Systems
n Video Amplifiers
n NTSC, PAL® and SECAM Systems
n ADC/DAC Buffers
n Pulse Amplifiers and Peak Detectors
LM6172 Driving Capacitive Load
Connection Diagram
VIP™ is a trademark of National Semiconductor Corporation.
PAL® is a registered trademark of and used under license from Advanced Micro Devices, Inc.
DS012581-50
DS012581-44
8-Pin DIP/SO
DS012581-1
Top View
May 1999
© 1999 National Semiconductor Corporation
DS012581
www.national.com


Similar Part No. - LM6172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6172 TI-LM6172 Datasheet
1Mb / 25P
LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172-MDE TI1-LM6172-MDE Datasheet
1Mb / 25P
LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172-MDE TI-LM6172-MDE Datasheet
1Mb / 25P
LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
REVISED OCTOBER 2011
More results

Similar Description - LM6172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172IMX TI-LM6172IMX Datasheet
1Mb / 25P
LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172_14 Datasheet
1Mb / 25P
LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML NSC-LM6172QML Datasheet
1Mb / 25P
LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP NSC-LM6172QML-SP Datasheet
1Mb / 25P
LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172 TI1-LM6172_16 Datasheet
1Mb / 25P
LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML TI1-LM6172QML_16 Datasheet
1Mb / 25P
LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML TI-LM6172QML_V01 Datasheet
1Mb / 25P
LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
REVISED OCTOBER 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com