Electronic Components Datasheet Search
  English  ▼

X  

ZSPM2000 Datasheet(PDF) 28 Page - Integrated Device Technology

Part # ZSPM2000
Description  True Digital PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM2000 Datasheet(HTML) 28 Page - Integrated Device Technology

Back Button ZSPM2000 Datasheet HTML 24Page - Integrated Device Technology ZSPM2000 Datasheet HTML 25Page - Integrated Device Technology ZSPM2000 Datasheet HTML 26Page - Integrated Device Technology ZSPM2000 Datasheet HTML 27Page - Integrated Device Technology ZSPM2000 Datasheet HTML 28Page - Integrated Device Technology ZSPM2000 Datasheet HTML 29Page - Integrated Device Technology ZSPM2000 Datasheet HTML 30Page - Integrated Device Technology ZSPM2000 Datasheet HTML 31Page - Integrated Device Technology ZSPM2000 Datasheet HTML 32Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
28
January 27, 2016
4.5.
Monitoring
The ZSPM2000 has a dedicated set of PMBus™ registers to enable advanced power management using
extensive monitoring features. Different warning and error flags can be read by the PMBus™ master to ensure
proper operation of the power converter or monitor the converters over its lifetime.
Table 4.5
List of Supported PMBus™ Status Registers/Commands
PMBus™ Command
Code
Description
Data Format
CLEAR_FAULTS
03HEX
Clear status information
STATUS_BYTE
78HEX
Unit status byte
STATUS_WORD
79HEX
Unit status word
STATUS_VOUT
7AHEX
Output voltage status
STATUS_IOUT
7BHEX
Output current status
STATUS_INPUT
7CHEX
Input status
STATUS_TEMPERATURE
7DHEX
Temperature status
STATUS_CML
7EHEX
Communication and memory status
STATUS_MFR_SPECIFIC
7FHEX
Manufacturer-specific status
READ_VIN
88HEX
Input voltage read back
LINEAR
READ_VOUT
8BHEX
Output voltage read back
LINEAR
READ_IOUT
8CHEX
Output current read back
LINEAR
READ_TEMPERATURE_1
8DHEX
External temperature read back
LINEAR
READ_TEMPERATURE_2
8EHEX
Internal temperature read back
LINEAR
4.6.
Miscellaneous
Table 4.6
Additional Supported PMBus™ Registers
PMBus™ Command
Code
Description
Data Length (Byte)
Values
PMBUS_REVISION
98HEX
PMBus™ revision
1
11HEX
MFR_ID
99HEX
Manufacturer ID
4
“ZMDI”
(5AHEX, 4DHEX,
44HEX, 49HEX)
MFR_MODEL
9AHEX
Manufacturer model identifier
4
“2000”
(32HEX, 30HEX,
30HEX, 30HEX)
MFR_REVISION
9BHEX
Manufacturer product revision
4
MFR_SERIAL
9EHEX
Serial number
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com