Electronic Components Datasheet Search
  English  ▼

X  

ZSPM2000 Datasheet(PDF) 33 Page - Integrated Device Technology

Part # ZSPM2000
Description  True Digital PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM2000 Datasheet(HTML) 33 Page - Integrated Device Technology

Back Button ZSPM2000 Datasheet HTML 29Page - Integrated Device Technology ZSPM2000 Datasheet HTML 30Page - Integrated Device Technology ZSPM2000 Datasheet HTML 31Page - Integrated Device Technology ZSPM2000 Datasheet HTML 32Page - Integrated Device Technology ZSPM2000 Datasheet HTML 33Page - Integrated Device Technology ZSPM2000 Datasheet HTML 34Page - Integrated Device Technology ZSPM2000 Datasheet HTML 35Page - Integrated Device Technology ZSPM2000 Datasheet HTML 36Page - Integrated Device Technology ZSPM2000 Datasheet HTML 37Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
33
January 27, 2016
4.7.12.
STATUS_CML Command
STATUS_CML (7EHEX, read only)
Bits
Name
Description
[0]
Not supported.
[1]
SMBUS_FLT
SMBus™ timeout or a format error has occurred.
[2]
Not supported.
[3]
Not supported.
[4]
Not supported.
[5]
PEC_FLT
A packet error check fault has occurred.
[6]
Not supported.
[7]
CMD_FLT
An invalid or an unsupported command has been received.
4.7.13.
STATUS_MFR_SPECIFIC Command
STATUS_MFR_SPECIFIC (80HEX, read only)
Bits
Name
Description
[0]
Not supported.
[1]
Not supported.
[2]
Not supported.
[3]
Not supported.
[4]
Not supported.
[5]
Not supported.
[6]
ITEMP_OV_WARN
An (internal) over-temperature warning has occurred.
[7]
ITEMP_OV_FLT
An (internal) over-temperature fault has occurred.
4.7.14.
READ_VIN Command
READ_VIN (88HEX, read only)
Bits
Name
Description
[15:0]
VIN
Input voltage in V (linear data format).
4.7.15.
READ_VOUT Command
READ_VOUT (8BHEX, read only)
Bits
Name
Description
[15:0]
VOUT
Output voltage in V (linear data format).
Note that this command is mantissa only.
4.7.16.
READ_IOUT Command
READ_IOUT (8CHEX, read only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com