Electronic Components Datasheet Search
  English  ▼

X  

ZSPM2000 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ZSPM2000
Description  True Digital PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM2000 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ZSPM2000 Datasheet HTML 6Page - Integrated Device Technology ZSPM2000 Datasheet HTML 7Page - Integrated Device Technology ZSPM2000 Datasheet HTML 8Page - Integrated Device Technology ZSPM2000 Datasheet HTML 9Page - Integrated Device Technology ZSPM2000 Datasheet HTML 10Page - Integrated Device Technology ZSPM2000 Datasheet HTML 11Page - Integrated Device Technology ZSPM2000 Datasheet HTML 12Page - Integrated Device Technology ZSPM2000 Datasheet HTML 13Page - Integrated Device Technology ZSPM2000 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
10
January 27, 2016
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output impedance, sourcing
current—DRVL pin
0.9
1.7
Ω
Output impedance, sinking
current—DRVL pin
0.4
0.8
Ω
DRVL rise time—DRVL pin
trDRVL
CLOAD = 3nF
16
25
ns
DRVL fall time—DRVL pin
tfDRVL
CLOAD = 3nF
11
15
ns
DRVL turn-on propagation delay
tpdhDRVL
CLOAD = 3nF
10
30
ns
DRVL pin pull-down resistance
RDRVL-PD
DRVL to PGND
VDD50DRV = PGND
45
kΩ
SW node leakage current
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com