Electronic Components Datasheet Search
  English  ▼

X  

ZSPM2000 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ZSPM2000
Description  True Digital PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM2000 Datasheet(HTML) 1 Page - Integrated Device Technology

  ZSPM2000 Datasheet HTML 1Page - Integrated Device Technology ZSPM2000 Datasheet HTML 2Page - Integrated Device Technology ZSPM2000 Datasheet HTML 3Page - Integrated Device Technology ZSPM2000 Datasheet HTML 4Page - Integrated Device Technology ZSPM2000 Datasheet HTML 5Page - Integrated Device Technology ZSPM2000 Datasheet HTML 6Page - Integrated Device Technology ZSPM2000 Datasheet HTML 7Page - Integrated Device Technology ZSPM2000 Datasheet HTML 8Page - Integrated Device Technology ZSPM2000 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
True Digital PWM Controller
with Integrated MOSFET Driver
ZSPM2000
Datasheet
© 2016 Integrated Device Technology, Inc.
1
January 27, 2016
Brief Description
The ZSPM2000 is a configurable true-digital single-
phase PWM controller for high-current, non-isolated
DC/DC supplies. The ZSPM2000 includes a high-
speed MOSFET driver for a synchronous step-down
converter in a single-rail and single-phase con-
figuration.
The ZSPM2000 integrates a digital control loop, opti-
mized for maximum flexibility and stability, as well as
load step and steady-state performance. In addition,
a rich set of protection and monitoring functions is
provided. On-chip, non-volatile memory (NVM) and
an I
2C™ * interface facilitate configuration.
IDT’s PC-based Pink Power Designer™ graphical
user interface (GUI) provides a user-friendly and
easy-to-use interface to the device for communica-
tion and configuration. It can guide the user through
the design of the digital compensator and offers in-
tuitive configuration methods for additional features,
such as protection and sequencing.
Features
• Programmable digital control loop
• Advanced digital control techniques
•
Tru-sample Technology™
•
State-Law Control™ (SLC)
•
Sub-cycle Response™ (SCR)
• Improved transient response and noise immunity
• Protection features
•
Over-current protection
•
Over-voltage protection (VIN, VOUT)
•
Under-voltage protection (VIN, VOUT)
•
Overloaded startup
•
Restart and delay
• Integrated MOSFET driver with adaptive
anti-cross-conduction protection
• Fuse-based NVM for improved reliability
• Operation from a single 5V or 3.3V supply
• Optional PMBus™ address selection without
external resistors
*
I
2C™ is a registered trademark of NXP.
Benefits
• Fast configurability and design flexibility
• Simplified design and integration
• Reduced component count through system level
integration
• Simplified monitoring for system power and
thermal management
• Higher energy efficiency across all output loading
conditions
Available Support
• Evaluation Kit
• PC-based Pink Power Designer™ GUI
Physical Characteristics
• Operation temperature: -40°C to +85°C
• V
OUT max: 5V
• VDD50 and VDD50DRV supply: 4.75V to 5.25V
• Lead free (RoHS-compliant)
ZSPM2000 Typical Application Diagram
ZSPM2000
QFN 4x4 mm
Current Sensing
Digital Control Loop
Power Management
(Sequencing, Protection,…)
Housekeeping
and
Communication
Gate
Driver
VIN
12V (typ.)
VOUT
0.5 to 5V


Similar Part No. - ZSPM2000

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSPM2000 RENESAS-ZSPM2000 Datasheet
669Kb / 43P
True Digital PWM Controller with Integrated MOSFET Driver
January 27, 2016
ZSPM2000-KIT01 RENESAS-ZSPM2000-KIT01 Datasheet
669Kb / 43P
True Digital PWM Controller with Integrated MOSFET Driver
January 27, 2016
ZSPM2000ZI2R1 RENESAS-ZSPM2000ZI2R1 Datasheet
669Kb / 43P
True Digital PWM Controller with Integrated MOSFET Driver
January 27, 2016
More results

Similar Description - ZSPM2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Integrated Device Techn...
ZSPM1000 IDT-ZSPM1000 Datasheet
92Kb / 2P
True Digital PWM Controller
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
True Digital PWM Controller
ZSPM1025A IDT-ZSPM1025A Datasheet
1Mb / 45P
True Digital PWM Controller
ZSPM1025C IDT-ZSPM1025C Datasheet
1Mb / 38P
True Digital PWM Controller
ZSPM1035A IDT-ZSPM1035A Datasheet
1Mb / 45P
True Digital PWM Controller
ZSPM1035C IDT-ZSPM1035C Datasheet
1Mb / 38P
True Digital PWM Controller
ZSPM1063 IDT-ZSPM1063 Datasheet
175Kb / 2P
True Digital PWM Controller
ZSPM1363 IDT-ZSPM1363 Datasheet
58Kb / 2P
True Digital PWM
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
True-Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com