Electronic Components Datasheet Search
  English  ▼

X  

ZSPM2000 Datasheet(PDF) 35 Page - Integrated Device Technology

Part # ZSPM2000
Description  True Digital PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM2000 Datasheet(HTML) 35 Page - Integrated Device Technology

Back Button ZSPM2000 Datasheet HTML 31Page - Integrated Device Technology ZSPM2000 Datasheet HTML 32Page - Integrated Device Technology ZSPM2000 Datasheet HTML 33Page - Integrated Device Technology ZSPM2000 Datasheet HTML 34Page - Integrated Device Technology ZSPM2000 Datasheet HTML 35Page - Integrated Device Technology ZSPM2000 Datasheet HTML 36Page - Integrated Device Technology ZSPM2000 Datasheet HTML 37Page - Integrated Device Technology ZSPM2000 Datasheet HTML 38Page - Integrated Device Technology ZSPM2000 Datasheet HTML 39Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
35
January 27, 2016
5
External Component Selection
5.1.
Output Voltage Feedback Components
The ZSPM2000 supports direct output voltage feedback without external components up to an output voltage of
1.4V. However, adding a high-frequency low-pass filter in the sense path is highly recommended to remove high-
frequency disturbances from the sense signals. Placing these components as close as possible to the ZSPM2000
is recommended. For larger output voltages, a feedback divider is required. Using resistors with small tolerances
is recommended to guarantee good output voltage accuracy. Table 5.1 lists the required component values as a
function of the maximum supportable output voltage. It is mandatory that the selected resistors values are
configured in the Pink Power Designer™ GUI so that they can be taken into account for the configuration of the
ZSPM2000.
Figure 5.1
Output Voltage Sense Circuitry
Table 5.1
Output Voltage Feedback Component Overview
Nominal
Output Voltage
Maximum
Output Voltage
R4
R5
C7
1.20V
1.40V
open
1.0k
Ω
22pF
1.80V
2.1V
1.5k
Ω
750
Ω
47pF
2.50V
2.80V
1.0k
Ω
1.0k
Ω
47pF
3.30V
4.25V
1.0k
Ω
2.2k
Ω
33pF
5.00V
5.00V
1.0k
Ω
3.3k
Ω
33pF
VFBP
VFBN
R4
R5
C7
PGND
VOUT
ZSPM2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com