Electronic Components Datasheet Search
  English  ▼

X  

ZSPM2000 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ZSPM2000
Description  True Digital PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM2000 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ZSPM2000 Datasheet HTML 3Page - Integrated Device Technology ZSPM2000 Datasheet HTML 4Page - Integrated Device Technology ZSPM2000 Datasheet HTML 5Page - Integrated Device Technology ZSPM2000 Datasheet HTML 6Page - Integrated Device Technology ZSPM2000 Datasheet HTML 7Page - Integrated Device Technology ZSPM2000 Datasheet HTML 8Page - Integrated Device Technology ZSPM2000 Datasheet HTML 9Page - Integrated Device Technology ZSPM2000 Datasheet HTML 10Page - Integrated Device Technology ZSPM2000 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
7
January 27, 2016
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Ambient conditions
Storage Temperature Range
TSTOR
-40
150
°C
Electrostatic Discharge Protection
ESD
JEDEC JESD22-
A114 (HBM)
1500
V
JEDEC JESD22-
A115 (MM)
100
V
Latch-Up Protection
LU
JEDEC JESD78
Class 1 Level A
Moisture Sensitivity Level
MSL
1
1.2.
Recommended Operating Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Ambient conditions
Operation temperature
TAMB
-40
85
°C
1.3.
Electrical Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply voltages
5V supply voltage – controller:
VDD50 pin
VDD50
4.75
5.0
5.25
V
5V supply current - controller
VDD50=5.0V
23
mA
5V supply voltage – driver:
VDD50DRV pin
VDD50DRV
4.75
5.0
5.25
V
3.3V supply voltage: VDD33 pin
VDD33
3.0
3.3
3.6
V
3.3V supply current
VDD50=VDD33=3.3V
23
mA
Internally generated supply voltages
3.3V supply voltage: VDD33 pin
VDD50=5.0V
3.0
3.3
3.6
V
3.3V output current
VDD50=5.0V
2.0
mA
1.8V supply voltages: AVDD18
and VDD18 pin
VDD50=5.0V
1.72
1.80
1.98
V
1.8V output current
0
mA
Power on reset threshold – on:
VDD33 pin
2.8
V
Power on reset threshold – off
2.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com