Electronic Components Datasheet Search
  English  ▼

X  

ICS952607 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS952607
Description  Programmable Timing Control Hub for Next Gen P4 processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952607 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS952607 Datasheet HTML 1Page - Integrated Circuit Systems ICS952607 Datasheet HTML 2Page - Integrated Circuit Systems ICS952607 Datasheet HTML 3Page - Integrated Circuit Systems ICS952607 Datasheet HTML 4Page - Integrated Circuit Systems ICS952607 Datasheet HTML 5Page - Integrated Circuit Systems ICS952607 Datasheet HTML 6Page - Integrated Circuit Systems ICS952607 Datasheet HTML 7Page - Integrated Circuit Systems ICS952607 Datasheet HTML 8Page - Integrated Circuit Systems ICS952607 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS952607
Advance Information
0734—07/16/04
Pin Description
PIN
#
PIN NAME
PIN TYPE
DESCRIPTION
1
*FS1/REF0
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
2
*FS0/REF1
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
3
REF2
OUT
14.318 MHz reference clock.
4
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
5
X1
IN
Crystal input,nominally 14.318MHz.
6
X2
OUT
Crystal output, Nominally 14.318MHz
7
GND
PWR
Ground pin.
8
**FS2/PCICLK_F0
I/O
Frequency select latch input pin / 3.3V PCI free running clock output.
9
**FS4/PCICLK_F1
I/O
Frequency select latch input pin / 3.3V PCI free running clock output.
10
PCICLK_F2
OUT
Free running PCI clock not affected by PCI_STOP# .
11
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
12
GND
PWR
Ground pin.
13
^^PCICLK0
OUT
PCI clock output.
14
PCICLK1
OUT
PCI clock output.
15
PCICLK2
OUT
PCI clock output.
16
PCICLK3
OUT
PCI clock output.
17
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
18
GND
PWR
Ground pin.
19
PCICLK4
OUT
PCI clock output.
20
PCICLK5
OUT
PCI clock output.
21
**Sel24_48#/24_48MHz
I/O
Latched select input for 24/48MHz output / 24/48MHz clock output. 1=24mHz, 0 =
48MHz.
22
**FS3/48MHz_0
I/O
Frequency select latch input pin / Fixed 48MHz clock output. 3.3V
23
48MHz_1
OUT
48MHz clock output.
24
GND
PWR
Ground pin.
25
VDD48
PWR
Power for 24 & 48MHz output buffers and fixed PLL core.
26
3V66_3/VCH
OUT
3.3V 66.66MHz clock output / 48MHz VCH clock output.
27
3V66_2
OUT
3.3V 66.66MHz clock output
28
VDD3V66
PWR
Power pin for the 3V66 clocks.
29
GND
PWR
Ground pin.
30
3V66_1
OUT
3.3V 66.66MHz clock output
31
3V66_0
OUT
3.3V 66.66MHz clock output
32
SCLK
IN
Clock pin of I2C circuitry 5V tolerant
33
SDATA
I/O
Data pin for I2C circuitry 5V tolerant
34
VttPWR_GD/PD#
IN
This 3.3V LVTTL input is a level sensitive strobe used to determine when latch inputs
are valid and are ready to be sampled. This is an active high input. / Asynchronous
active low input pin used to power down the device into a low power state.
35
VDD
PWR
Power supply, nominal 3.3V
36
SRCCLKC
OUT
Complement clock of differential pair for S-ATA support.
+/- 300ppm accuracy required.
37
SRCCLKT
OUT
True clock of differential pair for S-ATA support.
+/- 300ppm accuracy required.
38
GND
PWR
Ground pin.
39
CPUCLKC0
OUT
"Complementary" clocks of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
40
CPUCLKT0
OUT
"True" clocks of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
41
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
42
CPUCLKC1
OUT
"Complementary" clocks of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
43
CPUCLKT1
OUT
"True" clocks of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
44
GND
PWR
Ground pin.
45
Reset#
OUT
Real time system reset signal for frequency gear ratio change or watchdog timer
timeout. This signal is active low.
46
IREF
OUT
This pin establishes the reference current for the CPUCLK pairs. This pin requires a
fixed precision resistor tied to ground in order to establish the appropriate current.
47
GND
PWR
Ground pin.
48
VDDA
PWR
3.3V power for the PLL core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com