Electronic Components Datasheet Search
  English  ▼

X  

ICS952607 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS952607
Description  Programmable Timing Control Hub for Next Gen P4 processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952607 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS952607 Datasheet HTML 6Page - Integrated Circuit Systems ICS952607 Datasheet HTML 7Page - Integrated Circuit Systems ICS952607 Datasheet HTML 8Page - Integrated Circuit Systems ICS952607 Datasheet HTML 9Page - Integrated Circuit Systems ICS952607 Datasheet HTML 10Page - Integrated Circuit Systems ICS952607 Datasheet HTML 11Page - Integrated Circuit Systems ICS952607 Datasheet HTML 12Page - Integrated Circuit Systems ICS952607 Datasheet HTML 13Page - Integrated Circuit Systems ICS952607 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
Integrated
Circuit
Systems, Inc.
ICS952607
Advance Information
0734—07/16/04
Table 4: Mode Selection Table
Mode
Standard Overclock Mode
CPU Overclock Mode
Graphic Overclock Mode
IIC Control
Byte 5 bit(6:5) = 00
Byte 5 bit(6:5) = 01
Byte 5 bit(6:5) = 10
CPU M/N Overclocking
Byte 11 & 12
Byte 11 & 12
Byte 11 & 12
SRC M/N Overclocking
Byte 11 & 12
Byte 5 & 6 (asynchronous)
Byte 11 & 12
AGP/PCI M/N Overclocking
Byte 11 & 12
Byte 5 & 6 (asynchronous)
Byte 5 & 6 (asynchronous)
Spreading
All clocks have spread.
Only CPU clocks have spread.
Latch input shoud be set as
FS(4:0) = 10xxx. CPU & SRC
have spread.
Remark
All clocks oveclock together by
Byte 11&12 M/N programming.
CPU overclock by Byte 11&12
SRC/AGP/PCI overclock by Byte
5&6 asynchronously.
CPU/SRC overclock by Byte
11&12 AGP/PCI overclock by
Byte 5&6 asynchronously.
Mode B (B6&B3 bit 7) AGP/PCI
can be selected to be overclock
from 66/33, 72/36 or 80/40.
Simple async AGP/PCI
overclocking w/o using M/N
programming.
SRC can be kept at 100 w/o
spread yet AGP/PCI can be
overclocked.
Simple async AGP/PCI
overclocking w/o using M/N
programming.
Table 5: Asynchronous 3V66/PCI Frequency Table
Byte6 Bit7
Byte3 Bit7
3V66/PCI Frequency
0
0
66.66/33.33
0
1
80.00/40.00
1
0
72.73/36.36
I
2C Table: Vendor & Revision ID Register
Control
Function
Bit 7
ASEL0
3V66/PCI Freq Select
RW
0
Bit 6
N PLL2 Div6
RW
X
Bit 5
N PLL2 Div5
RW
X
Bit 4
N PLL2 Div4
RW
X
Bit 3
N PLL2 Div3
RW
X
Bit 2
N PLL2 Div2
RW
X
Bit 1
N PLL2 Div1
RW
X
Bit 0
N PLL2 Div0
RW
X
I
2C Table: Vendor & Revision ID Register
Control
Function
Bit 7
RID3
R
X
Bit 6
RID2
R
X
Bit 5
RID1
R
X
Bit 4
RID0
R
X
Bit 3
VID3
R
0
Bit 2
VID2
R
0
Bit 1
VID1
R
0
Bit 0
VID0
R
1
--
--
--
--
--
1
--
--
--
The decimal representation of N PLL2 Div
(6:0) + 8 is equal to VCO divider value for
PLL2.
01
Byte 6
Pin #
Name
-
-
-
PWD
-
-
N Divider
Programming bits for
Async mode 2&3
-
-
-
See Table 4: Async AGP/PCI Freq Table
-
Type
-
VENDOR ID
-
-
PWD
-
REVISION ID
-
-
-
Byte 7
Pin #
Name
0
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com