Electronic Components Datasheet Search
  English  ▼

X  

ICS952607 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS952607
Description  Programmable Timing Control Hub for Next Gen P4 processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952607 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS952607 Datasheet HTML 1Page - Integrated Circuit Systems ICS952607 Datasheet HTML 2Page - Integrated Circuit Systems ICS952607 Datasheet HTML 3Page - Integrated Circuit Systems ICS952607 Datasheet HTML 4Page - Integrated Circuit Systems ICS952607 Datasheet HTML 5Page - Integrated Circuit Systems ICS952607 Datasheet HTML 6Page - Integrated Circuit Systems ICS952607 Datasheet HTML 7Page - Integrated Circuit Systems ICS952607 Datasheet HTML 8Page - Integrated Circuit Systems ICS952607 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS952607
Advance Information
0734—07/16/04
ICS952607 is a 48 pin clock chip following Intel CK409 Yellow Cover specification. This clock synthesizer provides a single
chip solution for next generation P4 Intel processors and Intel chipsets. ICS952607 is driven with a 14.318MHz crystal. It
generates CPU outputs up to 200MHz. It also provides a tight ppm accuracy output for Serial ATA suuport.
The ICS952607 is part of a whole new line of ICS clock generators and buffers called TCH™ (Timing Control Hub). This part
incorporates ICS's newest clock technology which offers more robust features and functionality. Employing the use of a
serially programmable I
2C interface, this device can adjust the output clocks by configuring the frequency setting, the output
divider ratios, selecting the ideal spread percentage, the output skew, the output strength, and enabling/disabling each
individual output clock. M/N control can configure output frequency with resolution up to 0.1MHz increment. This part also
provides 128 frequency selections via ICS QuadROM
TM technology as an alternate to M/N programming.
General Description
Block Diagram
Power Groups
VDD
GND
4
7
Xtal, Ref
28
29
3V66
11,17
12,18
PCICLK outputs
35
38
SRCCLK outputs
41
44
CPU outputs
48
47
MCLK, CPU Analog, CPU digital
25
24
48MHz Fix, Fix Digital, Fix analog
Description
Pin Number
I REF
RESET#
PLL2
Frequency
Dividers
Programmable
Spread
PLL1
Programmable
Frequency
Dividers
STOP
Logic
48MHz (1:0)
24_48MHz
X1
X2
XTAL
SDATA
SCLK
VTTPWRGD#
PD#
FS (4:0)
Sel24_48#
Control
Logic
REF (2:0)
CPUCLKT (1:0)
CPUCLKC (1:0)
SRCCLKT
SRCCLKC
3V66 (3:0)
PCICLK (5:0)
PCICLK_F (2:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com