Electronic Components Datasheet Search
  English  ▼

X  

ICS952607 Datasheet(PDF) 20 Page - Integrated Circuit Systems

Part # ICS952607
Description  Programmable Timing Control Hub for Next Gen P4 processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952607 Datasheet(HTML) 20 Page - Integrated Circuit Systems

Back Button ICS952607 Datasheet HTML 13Page - Integrated Circuit Systems ICS952607 Datasheet HTML 14Page - Integrated Circuit Systems ICS952607 Datasheet HTML 15Page - Integrated Circuit Systems ICS952607 Datasheet HTML 16Page - Integrated Circuit Systems ICS952607 Datasheet HTML 17Page - Integrated Circuit Systems ICS952607 Datasheet HTML 18Page - Integrated Circuit Systems ICS952607 Datasheet HTML 19Page - Integrated Circuit Systems ICS952607 Datasheet HTML 20Page - Integrated Circuit Systems ICS952607 Datasheet HTML 21Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
20
Integrated
Circuit
Systems, Inc.
ICS952607
Advance Information
0734—07/16/04
Electrical Characteristics - VCH, 48MHz, 24MHz
TA = 0 - 70°C; VDD = 3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS Notes
Long Accuracy
ppm
see Tperiod min-max values
-200
200
ppm
1,2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
IOL = 1 mA
0.55
V
V OH@MIN = 1.0 V
-33
mA
VOH@MAX = 3.135 V
-33
mA
VOL @MIN = 1.95 V
30
mA
VOL@MAX = 0.4 V
38
mA
Edge Rate
Rising edge rate
1
2
V/ns
1
Edge Rate
Falling edge rate
1
2
V/ns
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
1
2
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
1
2
ns
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
1
Skew
tsk1
VT = 1.5 V
1
ns
1
Long Term Jitter
125us period jitter
(8kHz frequency modulation
amplitude)
6ns
1
1Guaranteed by design, not 100% tested in production.
Output Low Current
IOL
2 All Long Term Accuracy and Clock Period specifications are guaranteed with the assumption that Ref
output is at 14.31818MHz
Output High Current
IOH
Electrical Characteristics - REF-14.318MHz
TA = 0 - 70°C; VDD = 3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.4
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, V OH@MAX =
3.135 V
-29
-23
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX =
0.4 V
29
27
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
1
2
ns
1
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
1
2
ns
1
Skew
tsk1
1
VT = 1.5 V
500
ps
1
Duty Cycle
dt1
1
VT = 1.5 V
45
55
%
1
Jitter
tjcyc-cyc
1
VT = 1.5 V
1000
ps
1
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com