Electronic Components Datasheet Search
  English  ▼

X  

IR22141 Datasheet(PDF) 26 Page - International Rectifier

Part # IR22141
Description  HALF-BRIDGE GATE DRIVER IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR22141 Datasheet(HTML) 26 Page - International Rectifier

Back Button IR22141 Datasheet HTML 20Page - International Rectifier IR22141 Datasheet HTML 21Page - International Rectifier IR22141 Datasheet HTML 22Page - International Rectifier IR22141 Datasheet HTML 23Page - International Rectifier IR22141 Datasheet HTML 24Page - International Rectifier IR22141 Datasheet HTML 25Page - International Rectifier IR22141 Datasheet HTML 26Page - International Rectifier IR22141 Datasheet HTML 27Page - International Rectifier IR22141 Datasheet HTML 28Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
IR2214/IR22141(SS)
www.irf.com
ADVANCE DATA
PCB LAYOUT TIPS
Distance from H to L voltage
:
The IR2214 pin out maximizes the distance be-
tween floating (from DC- to DC+) and low voltage
pins. It’s strongly recommended to place com-
ponents tied to floating voltage in the high volt-
age side of device (V
B, VS side) while the other
components in the opposite side.
Ground plane:
Ground plane must not be placed under or
nearby the high voltage floating side to minimize
noise coupling.
Gate drive loops:
Current loops behave like an antenna able to re-
ceive and transmit EM noise. In order to reduce
EM coupling and improve the power switch turn
on/off performances, gate drive loops must be
reduced as much as possible. Figure 23 shows
the high and low side gate loops.
Moreover, current can be injected inside the gate
drive loop via the IGBT collector-to-gate parasitic
capacitance. The parasitic auto-inductance of the
gate loop contributes to develop a voltage across
the gate-emitter increasing the possibility of self
turn-on effect. For this reason is strongly recom-
mended to place the three gate resistances close
together and to minimize the loop
area (see figure 23).
gate
resistance
VS/COM
VB/ VCC
H/LOP
H/LON
SSDH/L
VGE
Gate Drive
Loop
CGC
IGC
Figure 23
: gate drive loop
Supply capacitors:
IR2214 output stages are able to quickly turn on
IGBT with up to 2 A of output current. The sup-
ply capacitors must be placed as close as pos-
sible to the device pins (V
CC and VSS for the
ground tied supply, V
B and VS for the floating
supply) in order to minimize parasitic inductance/
resistance.
Routing and placement example:
Figure 24 shows one of the possible layout solu-
tions using a 3 layer PCB. This example takes
into account all the previous considerations.
Placement and routing for supply capacitors and
gate resistances in the high and low voltage side
minimize respectively supply path and gate drive
loop. The bootstrap diode is placed under the
device to have the cathode as close as possible
to bootstrap capacitor and the anode far from
high voltage and close to V
CC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com