Electronic Components Datasheet Search
  English  ▼

X  

IR22141 Datasheet(PDF) 2 Page - International Rectifier

Part # IR22141
Description  HALF-BRIDGE GATE DRIVER IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR22141 Datasheet(HTML) 2 Page - International Rectifier

  IR22141 Datasheet HTML 1Page - International Rectifier IR22141 Datasheet HTML 2Page - International Rectifier IR22141 Datasheet HTML 3Page - International Rectifier IR22141 Datasheet HTML 4Page - International Rectifier IR22141 Datasheet HTML 5Page - International Rectifier IR22141 Datasheet HTML 6Page - International Rectifier IR22141 Datasheet HTML 7Page - International Rectifier IR22141 Datasheet HTML 8Page - International Rectifier IR22141 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
IR2214/IR22141(SS)
www.irf.com
ADVANCE DATA
Note 1:
While internal circuitry is operational below the indicated supply voltages, the UV lockout disables the output
drivers if the UV thresholds are not reached.
Note 2: Logic operational for VS from VSS-5 to VSS+1200V. Logic state held for VS from VSS-5V to VSS-VBS. (Please
refer to the Design Tip DT97-3 for more details).
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage (Note 1)
VS + 11.5
VS + 20
VS
High side floating supply offset voltage
Note 2
1200
VHO
High side output voltage (HOP, HON and SSDH)
VS
VS + 20
VLO
Low side output voltage (LOP, LON and SSDL)
VCOM
VCC
VCC
Low side and logic fixed supply voltage (Note 1)
11.5
20
COM
Power ground
- 5
5
VIN
Logic input voltage (HIN, LIN and FLT_CLR)
0
VCC
VFLT
Fault input/output voltage (FAULT/SD and SY_FLT)
0
VCC
VDSH
High side DS pin input voltage
VB - 20
VB
VDSL
Low side DS pin input voltage
VCC - 20
VCC
TA
Ambient temperature
-40
125
°C
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions. All voltage parameters are absoute
voltages referenced to VSS. The VS offset rating is tested with all supplies biased at 15V differential.
V
Symbol
Definition
Min.
Max.
Units
VS
High side offset voltage
VB - 25
VB + 0.3
VB
High side floating supply voltage
-0.3
1225
VHO
High side floating output voltage (HOP, HON and SSDH)
VS - 0.3
VB + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
25
COM
Power ground
VCC - 25
VCC + 0.3
VLO
Low side output voltage (LOP, LON and SSDL)
VCOM -0.3
VCC + 0.3
VIN
Logic input voltage (HIN, LIN and FLT_CLR)
-0.3
VCC + 0.3
VFLT
FAULT input/output voltage (FAULT/SD and SY_FLT)
-0.3
VCC + 0.3
VDSH
High side DS input voltage
VB -25
VB + 0.3
VDSL
Low side DS input voltage
VCC - 25
VCC + 0.3
dVs/dt
Allowable offset voltage slew rate
—
50
V/ns
PD
Package power dissipation @ TA ≤ +25°C
—
1.5
W
RthJA
Thermal resistance, junction to ambient
—
65
°C/W
TJ
Junction temperature
—
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are absolute voltages referenced to VSS, all currents are defined positive into any lead The thermal resistance and power
dissipation ratings are measured under board mounted and still air conditions.
V
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com