Electronic Components Datasheet Search
  English  ▼

X  

IR22141 Datasheet(PDF) 18 Page - International Rectifier

Part # IR22141
Description  HALF-BRIDGE GATE DRIVER IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR22141 Datasheet(HTML) 18 Page - International Rectifier

Back Button IR22141 Datasheet HTML 14Page - International Rectifier IR22141 Datasheet HTML 15Page - International Rectifier IR22141 Datasheet HTML 16Page - International Rectifier IR22141 Datasheet HTML 17Page - International Rectifier IR22141 Datasheet HTML 18Page - International Rectifier IR22141 Datasheet HTML 19Page - International Rectifier IR22141 Datasheet HTML 20Page - International Rectifier IR22141 Datasheet HTML 21Page - International Rectifier IR22141 Datasheet HTML 22Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
IR2214/IR22141(SS)
www.irf.com
ADVANCE DATA
2. Undervoltage on V
CC: the FAULT\SD pin
is forced low and held until the
undervoltage is active (not latched).
3. FAULT/SD is externally driven low either
from the controller or from another
IR2214 device. This event is not latched;
therefore the FLT_CLR cannot disable
it. Only when FAULT/SD becomes high
the device returns in normal operating
mode.
5. Active bias
For the purpose of sensing the power transistor
desaturation the collector voltage is read by an
external HV diode. The diode is normally biased
by an internal pull up resistor connected to the
local supply line (V
B or VCC). When the transistor
is “on” the diode is conducting and the amount
of current flowing in the circuit is determined by
the internal pull up resistor value.
In the high side circuit, the desaturation biasing
current may become relevant for dimensioning
the bootstrap capacitor (see figure 19). In fact,
too low pull up resistor value may result in high
current discharging significantly the bootstrap
capacitor. For that reason typical pull up resistor
are in the range of 100 k
Ω. This is the value of
the internal pull up.
While the impedance of DSH/DSL pins is very
low when the transistor is on (low impedance
path through the external diode down to the power
transistor), the impedance is only controlled by
the pull up resistor when the transistor is off. In
that case relevant dV/dt applied by the power
transistor during the commutation at the output
results in a considerable current injected through
the stray capacitance of the diode into the
desaturation detection pin (DSH/L). This coupled
noise may be easily reduced using an active bias
for the sensing diode.
An Active Bias structure is available only for
IR22141 version for DSH/L pin. The DSH/L pins
present an active pull-up respectively to VB/VCC,
and a pull-down respectively to VS/COM.
The dedicated biasing circuit reduces the
impedance on the DSH/L pin when the voltage
exceeds the V
DESAT threshold (see figure 16). This
low impedance helps in rejecting the noise
providing the current inject by the parasitic
capacitance. When the power transistor is fully
on, the sensing diode gets forward biased and
the voltage at the DSH/L pin decreases. At this
point the biasing circuit deactivates, in order to
reduce the bias current of the diode as shown in
figure 16.
Figure 16:
R
DSH/L Active Biasing
6. Output stage
The structure is shown in figure 13 and consists
of two turns on stages and one turn off stage.
When the driver turns on the IGBT (see figure 8),
a first stage is constantly activated while an
additional stage is maintained active only for a
limited time (ton1). This feature boost the total
driving capability in order to accommodate both
fast gate charge to the plateau voltage and dV/dt
control in switching.
VDSH/L
100 ohm
100K ohm
RDSH/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com