Electronic Components Datasheet Search
  English  ▼

X  

IR22141 Datasheet(PDF) 1 Page - International Rectifier

Part # IR22141
Description  HALF-BRIDGE GATE DRIVER IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR22141 Datasheet(HTML) 1 Page - International Rectifier

  IR22141 Datasheet HTML 1Page - International Rectifier IR22141 Datasheet HTML 2Page - International Rectifier IR22141 Datasheet HTML 3Page - International Rectifier IR22141 Datasheet HTML 4Page - International Rectifier IR22141 Datasheet HTML 5Page - International Rectifier IR22141 Datasheet HTML 6Page - International Rectifier IR22141 Datasheet HTML 7Page - International Rectifier IR22141 Datasheet HTML 8Page - International Rectifier IR22141 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Package
HALF-BRIDGE GATE DRIVER IC
Features
• Floating channel up to +1200V
• Soft overcurrent shutdown
• Synchronization signal to synchronize shut down
with the other phases
• Integrated desaturation detection circuit
• Two stage turn on output for di/dt control
• Separate pull-up/pull-down output drive pins
• Matched delay outputs
• Under voltage lockout with hysteresis band
www.irf.com
1
IR2214SS/IR22141SS
24-Lead SSOP
VOFFSET
1200V max.
IO+/- (typ.)
2.0 A / 3.0A
VOUT
10.4V - 20V
Deadtime matching (max)
75nsec
Deadtime (typ)
330nsec
Desat blanking time (typ)
3
µsec
DSH,DSL input voltage
threshold (typ)
8.0V
Soft shutdown time (typ)
9.6
µsec
Product Summary
Description
The IR2214SS/IR22141SS) is a gate driver suited to drive
a single half bridge in power switching applications. The
high gate driving capability (2A source, 3A sink) and the
low quiescent current enable bootstrap supply techniques in medium power
systems. The IR2214SS/IR22141SS driver features full short circuit protection by
means of the power transistor desaturation detection. The IR2214SS/IR22141SS
manages all the half-bridge faults by turning off smoothly the desaturated tran-
sistor through the dedicated soft shut down pin, therefore preventing over-volt-
ages and reducing EM emissions. In multi-phase system IR2214SS/IR22141SS
drivers communicate using a dedicated local network (SY_FLT and FAULT/SD
signals) to properly manage phase-to-phase short circuits. The system controller
may force shutdown or read device fault state through the 3.3 V compatible CMOS
I/O pin (FAULT/SD). To improve the signal immunity from DC-bus noise, the
control and power ground use
dedicated pins enabling
low-side emitter current
sensing as well. Under voltage
conditions in floating and low
voltage circuits are managed
independently.
Typical Connection
(Refer to Lead Assignments for
correct pin configuration). This/
These diagram(s) show electrical
connections only. Please refer to
our Application Notes and
DesignTips for proper circuit
board layout.
Data Sheet No. PD60213
ADVANCE DATA
DC+
DC-
DC BUS
(1200V)
VCC
LIN
HIN
FAULT/SD
VB
HOP
HON
SSDH
DSH
VS
LOP
LON
SSDL
DSL
COM
VSS
FLT_CLR
SY_FLT
15 V
uP,
Control
Motor


Similar Part No. - IR22141

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR22141SSPBF IRF-IR22141SSPBF Datasheet
666Kb / 33P
HALF-BRIDGE GATE DRIVER IC
IR22141SSPBF IRF-IR22141SSPBF Datasheet
721Kb / 34P
HALF-BRIDGE GATE DRIVER IC
IR22141SSPBF IRF-IR22141SSPBF Datasheet
721Kb / 34P
HALF-BRIDGE GATE DRIVER IC
More results

Similar Description - IR22141

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2114SS IRF-IR2114SS Datasheet
1Mb / 21P
HALF-BRIDGE GATE DRIVER IC
logo
Intersil Corporation
HIP5500 INTERSIL-HIP5500 Datasheet
922Kb / 12P
High Voltage IC Half Bridge Gate Driver
July 1998
logo
International Rectifier
IR2114SSPBF IRF-IR2114SSPBF Datasheet
666Kb / 33P
HALF-BRIDGE GATE DRIVER IC
IR21141SSPBF IRF-IR21141SSPBF_09 Datasheet
721Kb / 34P
HALF-BRIDGE GATE DRIVER IC
IR21141SS IRF-IR21141SS Datasheet
721Kb / 34P
HALF-BRIDGE GATE DRIVER IC
IR2214SSTRPBF IRF-IR2214SSTRPBF Datasheet
715Kb / 33P
HALF-BRIDGE GATE DRIVER IC
IR2114SSPBF IRF-IR2114SSPBF_15 Datasheet
715Kb / 33P
HALF-BRIDGE GATE DRIVER IC
logo
ON Semiconductor
FAN73912 ONSEMI-FAN73912 Datasheet
3Mb / 22P
High-Current, Half-Bridge, Gate-Driver IC
December 2016- Rev. 1
logo
Infineon Technologies A...
IR2114SSPBF INFINEON-IR2114SSPBF Datasheet
887Kb / 33P
HALF-BRIDGE GATE DRIVER IC
06-Jan-2020
logo
Alpha & Omega Semicondu...
AGD8252B1 AOSMD-AGD8252B1 Datasheet
516Kb / 9P
High Voltage Half-Bridge Gate Driver IC
Rev. 1.1 October 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com