Electronic Components Datasheet Search
  English  ▼

X  

IR22141 Datasheet(PDF) 7 Page - International Rectifier

Part # IR22141
Description  HALF-BRIDGE GATE DRIVER IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR22141 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR22141 Datasheet HTML 3Page - International Rectifier IR22141 Datasheet HTML 4Page - International Rectifier IR22141 Datasheet HTML 5Page - International Rectifier IR22141 Datasheet HTML 6Page - International Rectifier IR22141 Datasheet HTML 7Page - International Rectifier IR22141 Datasheet HTML 8Page - International Rectifier IR22141 Datasheet HTML 9Page - International Rectifier IR22141 Datasheet HTML 10Page - International Rectifier IR22141 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
IR2214/IR22141(SS)
www.irf.com
ADVANCE DATA
HIN
LIN
HO (HOP=HON)
LO (LOP=LON)
10%
3.3V
10%
90%
90%
50%
50%
tr
ton
toff
tf
PWin
PWout
Figure 7:
Switching Time Waveforms
Ton1
Io1+
Io2+
Figure 8:
Output Source Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com