Electronic Components Datasheet Search
  English  ▼

X  

IR22141 Datasheet(PDF) 4 Page - International Rectifier

Part # IR22141
Description  HALF-BRIDGE GATE DRIVER IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR22141 Datasheet(HTML) 4 Page - International Rectifier

  IR22141 Datasheet HTML 1Page - International Rectifier IR22141 Datasheet HTML 2Page - International Rectifier IR22141 Datasheet HTML 3Page - International Rectifier IR22141 Datasheet HTML 4Page - International Rectifier IR22141 Datasheet HTML 5Page - International Rectifier IR22141 Datasheet HTML 6Page - International Rectifier IR22141 Datasheet HTML 7Page - International Rectifier IR22141 Datasheet HTML 8Page - International Rectifier IR22141 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
IR2214/IR22141(SS)
www.irf.com
ADVANCE DATA
The active bias is present only in IR22141. VDESAT, IDS and IDSB parameters are referenced to COM and VS
respectively for DSL and DSH.
Symbol
Definition
Min Typ Max Units
Test Conditions
VDESAT+
High desat input threshold voltage
7.2 8.0 8.8
VDESAT-
Low desat input threshold voltage
6.3 7.0 7.7
VDSTH
Desat input voltage hysteresis
-
1.0
-
V
See Fig. 16, 4
IDS+
High DSH or DSL input bias current
-
21
-
VDESAT = VCC or VBS
IDS-
Low DSH or DSL input bias current
- -160
-
µA
VDESAT = 0V
IDSB
DSH or DSL input bias current (IR22141 only)
-
-20
-
mA
VDESAT =
(VCC or VBS) - 2V
Pin: DSL, DSH
DSL/DSH
VDESAT
COM/VS
comparator
100k
700k
VCC/VBS
SSD
internal
signal
active
bias
Figure 4:
DSH and DSL diagram
FAULT/SD
SY_FLT
VSS
schmitt
trigger
R ON
fault/hold
internal signal
hard/soft shutdown
internal signal
Figure 3:
FAULT/SD and SY_FLT diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com