Electronic Components Datasheet Search
  English  ▼

X  

AD5593R Datasheet(PDF) 5 Page - Analog Devices

Part # AD5593R
Description  Control and monitoring
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 5 Page - Analog Devices

  AD5593R Datasheet HTML 1Page - Analog Devices AD5593R Datasheet HTML 2Page - Analog Devices AD5593R Datasheet HTML 3Page - Analog Devices AD5593R Datasheet HTML 4Page - Analog Devices AD5593R Datasheet HTML 5Page - Analog Devices AD5593R Datasheet HTML 6Page - Analog Devices AD5593R Datasheet HTML 7Page - Analog Devices AD5593R Datasheet HTML 8Page - Analog Devices AD5593R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
AD5593R
Data Sheet
Rev. B | Page 4 of 33
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Load Regulation
200
μV/mA
VDD = 5 V ± 10%, DAC code = midscale, −10 mA ≤ IOUT ≤
+10 mA
200
μV/mA
VDD = 3 V ± 10%, DAC code = midscale, −10 mA ≤ IOUT ≤
+10 mA
Power-Up Time
7
μs
Exiting power-down mode, VDD = 5 V
AC SPECIFICATIONS
Slew Rate
1.25
V/μs
Settling Time
6
μs
DAC Glitch Impulse
2
nV-sec
DAC to DAC Crosstalk
1
nV-sec
Digital Crosstalk
0.1
nV-sec
Analog Crosstalk
1
nV-sec
Digital Feedthrough
0.1
nV-sec
Multiplying Bandwidth
240
kHz
DAC code = full scale, output range = 0 V to 2 × VREF
Output Voltage Noise Spectral Density
200
nV/√Hz
DAC code = midscale, output range = 0 V to 2 × VREF,
measured at 10 kHz
SNR
81
dB
SFDR
77
dB
SINAD
74
dB
Total Harmonic Distortion
−76
dB
REFERENCE INPUT
VREF Input Voltage
1
VDD
V
DC Leakage Current
−1
+1
μA
No I/Ox pins configured as DACs
VREF Input Impedance
12
kΩ
DAC output range = 0 V to 2 × VREF
24
kΩ
DAC output range = 0 V to VREF
REFERENCE OUTPUT
VREF Output Voltage
2.495
2.5
2.505
V
VREF Temperature Coefficient
20
ppm/°C
Capacitive Load Stability
5
μF
RLOAD = 2 kΩ
Output Impedance
0.15
Ω
VDD = 2.7 V
0.7
Ω
VDD = 5 V
Output Voltage Noise
10
μV p-p
0.1 Hz to 10 Hz
Density
240
nV/√Hz
At ambient, f = 1 kHz, CL = 10 nF
Line Regulation
20
μV/V
At ambient, sweeping VDD from 2.7 V to 5.5 V
10
μV/V
At ambient, sweeping VDD from 2.7 V to 3.3 V
Load Regulation
Sourcing
210
μV/mA
At ambient, −5 mA ≤ load current ≤ +5 mA
Sinking
120
μV/mA
At ambient, −5 mA ≤ load current ≤ +5 mA
Output Current Load Capability
±5
mA
VDD ≥ 3 V
GPIO OUTPUT
ISOURCE and ISINK
1.6
mA
Output Voltage
High, VOH
VDD − 0.2
V
ISOURCE = 1 mA
Low, VOL
0.4
V
ISOURCE = 1 mA
GPIO INPUT
Input Voltage
High, VIH
VDD × 0.7
V
Low, VIL
VDD × 0.3
V
Input Capacitance
20
pF
Hysteresis
0.2
V
Input Current
±1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com