Electronic Components Datasheet Search
  English  ▼

X  

AD5593R Datasheet(PDF) 20 Page - Analog Devices

Part # AD5593R
Description  Control and monitoring
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5593R Datasheet HTML 16Page - Analog Devices AD5593R Datasheet HTML 17Page - Analog Devices AD5593R Datasheet HTML 18Page - Analog Devices AD5593R Datasheet HTML 19Page - Analog Devices AD5593R Datasheet HTML 20Page - Analog Devices AD5593R Datasheet HTML 21Page - Analog Devices AD5593R Datasheet HTML 22Page - Analog Devices AD5593R Datasheet HTML 23Page - Analog Devices AD5593R Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Data Sheet
AD5593R
Rev. B | Page 19 of 33
Calculating ADC Input Current
The current flowing into the I/Ox pins configured as ADC inputs
varies with sampling rate (fS), the voltage difference between
successive channels (VDIFF), and whether buffered or unbuffered
mode is used. Figure 33 shows a simplified version of the ADC
input structure. When a new channel is selected for conversion,
5.8 pF must be charged to or discharged from the voltage that
on the previously selected channel. The time required for the
charge or discharge depends on the voltage difference between
the two channels. This dependence affects the input impedance
of the multiplexer and, therefore, the input current flowing into
the I/Ox pins.
In buffered mode, Switch S1 is open and Switch S2 is closed. In
buffered mode, the U1 buffer directly drives the 23.1 pF capacitor
and the charging time of the capacitors is negligible. In unbuffered
mode, Switch S1 is closed and Switch S2 is closed. In unbuffered
mode, the 23.1 pF capacitor must be charged from the I/Ox
pins; this charging contributes to the input current. For
applications where the ADC input current is too high, an external
input buffer may be required. The choice of buffer is a function
of the particular application.
Calculate the input current for buffered mode as follows:
fS × C × VDIFF + 1 nA
where:
fS is the ADC sample rate in Hz.
C is the sampling capacitance in farads.
VDIFF is the voltage change between successive channels.
Calculate the input current for buffered mode as follows:
fS × C × VDIFF
where 1 nA is the dc leakage current associated with unbuffered
mode.
The input current for the ADC in buffered mode, where
I/O0 = 0.5 V, I/O1 = 2 V, and fS = 10 kHz, is as follows:
(10,000 × 5.8 × 10−12 × 1.5) + 1 nA = 88 nA
Under the same conditions, the ADC input current in unbuffered
mode is as follows:
(10,000 × 28.9 × 10−12 × 1.5) = 433.5 nA
U1
5.8pF
I/O0
I/O7
COMPARATOR
CONTROL
LOGIC
S1
S2
S3
S4
23.1pF
300Ω
Figure 33. ADC Input Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com