Electronic Components Datasheet Search
  English  ▼

X  

AD5593R Datasheet(PDF) 10 Page - Analog Devices

Part # AD5593R
Description  Control and monitoring
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5593R Datasheet HTML 6Page - Analog Devices AD5593R Datasheet HTML 7Page - Analog Devices AD5593R Datasheet HTML 8Page - Analog Devices AD5593R Datasheet HTML 9Page - Analog Devices AD5593R Datasheet HTML 10Page - Analog Devices AD5593R Datasheet HTML 11Page - Analog Devices AD5593R Datasheet HTML 12Page - Analog Devices AD5593R Datasheet HTML 13Page - Analog Devices AD5593R Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Data Sheet
AD5593R
Rev. B | Page 9 of 33
GND
I/O7
I/O6
I/O5
VDD
I/O1
I/O0
I/O2
12
11
10
1
3
4
9
2
AD5593R
TOP VIEW
(Not to Scale)
Figure 4. 16-Lead LFCSP Pin Configuration
Table 7. 16-Ball LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Power Supply Input. The AD5593R operates from 2.7 V to 5.5 V. Decouple the supply with a 0.1 μF capacitor to GND.
2 to 5, 8 to 11
I/O0 to I/O7
Input/Output 0 through Input/Output 7. These pins can be independently configured as DACs, ADCs, or general-
purpose digital inputs or outputs. The function of each pin is determined by programming the appropriate
bits in the configuration registers.
6
VREF
Reference Input/Output. When the internal reference is enabled, the 2.5 V reference voltage is available on the
pin. A 0.1 μF capacitor connected from the VREF pin to GND is recommended to achieve the specified performance
from the AD5593R. When the internal reference is disabled, an external reference must be applied to this pin.
The voltage range for the external reference is 1 V to VDD.
7
VLOGIC
Interface Power Supply. The voltage ranges from 1.8 V to 5.5 V.
12
GND
Ground Reference Point for All Circuitry.
13
SDA
Serial Data Input. This pin is used in conjunction with the SCL line to clock data into or out of the input shift register.
SDA is a bidirectional, open-drain line that must be pulled to the VLOGIC supply with an external pull-up resistor.
14
SCL
Serial Clock Line. This is pin used in conjunction with the SDA line to clock data into or out of the 16-bit input
register.
15
RESET
Asynchronous Reset Pin. Tie this pin high for normal operation. When this pin is brought low, the AD5593R is
reset to its default configuration.
16
A0
Address Input. This pin sets the LSB of the 7-bit slave address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com