Electronic Components Datasheet Search
  English  ▼

X  

AD5593R Datasheet(PDF) 7 Page - Analog Devices

Part # AD5593R
Description  Control and monitoring
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5593R Datasheet HTML 3Page - Analog Devices AD5593R Datasheet HTML 4Page - Analog Devices AD5593R Datasheet HTML 5Page - Analog Devices AD5593R Datasheet HTML 6Page - Analog Devices AD5593R Datasheet HTML 7Page - Analog Devices AD5593R Datasheet HTML 8Page - Analog Devices AD5593R Datasheet HTML 9Page - Analog Devices AD5593R Datasheet HTML 10Page - Analog Devices AD5593R Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
AD5593R
Data Sheet
Rev. B | Page 6 of 33
TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2; VDD = 2.7 V to
5.5 V, 1.8 V ≤ VLOGIC ≤ VDD; 2.5 V ≤ VREF ≤ VDD; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
t1
2.5
μs
SCL cycle time
t2
0.6
μs
tHIGH, SCL high time
t3
1.3
μs
tLOW, SCL low time
t4
0.6
μs
tHD,STA, start/repeated start condition hold time
t5
100
ns
tSU,DAT, data setup time
t62
0.9
μs
tHD,DAT, data hold time
t7
0.6
μs
tSU,STA, setup time for repeated start
t8
0.6
μs
tSU,STO, stop condition setup time
t9
1.3
μs
tBUF, bus free time between a stop and a start condition
t10
300
ns
tR, rise time of SCL and SDA when receiving
0
ns
tR, rise time of SCL and SDA when receiving (CMOS compatible)
t11
250
ns
tF, fall time of SDA when transmitting
0
ns
tF, fall time of SDA when receiving (CMOS compatible)
300
ns
tF, fall time of SCL and SDA when receiving
20 + 0.1CB3
ns
tF, fall time of SCL and SDA when transmitting
CB3
400
pF
Capacitive load for each bus line
1 Guaranteed by design and characterization; not production tested.
2 A master device must provide a hold time of at least 300 ns for the SDA signal (referred to the VIH min of the SCL signal) to bridge the undefined region of the falling
edge of SCL.
3 CB is the total capacitance of one bus line in pF. tR and tF are measured between 0.3 VDD and 0.7 VDD.
Timing Diagram
START
CONDITION
REPEATED
START
CONDITION
STOP
CONDITION
SDA
SCL
t9
t3
t10
t4
t6
t5
t2
t11
t7
t4
t1
t8
Figure 2. 2-Wire Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com