Electronic Components Datasheet Search
  English  ▼

X  

AD5593R Datasheet(PDF) 6 Page - Analog Devices

Part # AD5593R
Description  Control and monitoring
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5593R Datasheet HTML 2Page - Analog Devices AD5593R Datasheet HTML 3Page - Analog Devices AD5593R Datasheet HTML 4Page - Analog Devices AD5593R Datasheet HTML 5Page - Analog Devices AD5593R Datasheet HTML 6Page - Analog Devices AD5593R Datasheet HTML 7Page - Analog Devices AD5593R Datasheet HTML 8Page - Analog Devices AD5593R Datasheet HTML 9Page - Analog Devices AD5593R Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Data Sheet
AD5593R
Rev. B | Page 5 of 33
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
Input Voltage
High, VINH
0.7 × VLOGIC
V
Low, VINL
0.3 × VLOGIC
V
Input Current, IIN
−1
+0.01
+1
μA
Input Capacitance, CIN
10
pF
LOGIC OUTPUT (SDA)
Output High Voltage, VOH
VLOGIC − 0.2
V
ISOURCE = 200 μA; VDD = 2.7 V to 5.5 V
Output Low Voltage, VOL
0.4
V
ISINK = 200 μA
Floating-State Output Capacitance
10
pF
TEMPERATURE SENSOR2
Resolution
12
Bits
Operating Range
−40
+105
°C
Accuracy
±3
°C
Track Time
5
μs
ADC buffer enabled
20
μs
ADC buffer disabled
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD
2.7
Digital inputs = 0 V or VDD
Power-Down Mode
3.5
μA
Normal Mode
VDD = 5 V
1.6
mA
I/O0 to I/O7 are DACs, internal reference, gain = 2
1
mA
I/O0 to I/O7 are DACs, external reference, gain = 2
2.4
mA
I/O0 to I/O7 are DACs and sampled by the ADC,
internal reference, gain = 2
1.1
mA
I/O0 to I/O7 are DACs and sampled by the ADC,
external reference, gain = 2
1
mA
I/O0 to I/O7 are ADCs, internal reference, gain = 2
0.75
mA
I/O0 to I/O7 are ADCs, external reference, gain = 2
0.5
mA
I/O0 to I/O7 are general-purpose outputs
0.5
mA
I/O0 to I/O7 are general-purpose inputs
VDD = 3 V
1.1
mA
I/O0 to I/O7 are DACs, internal reference, gain = 1
1
mA
I/O0 to I/O7 are DACs, external reference, gain = 1
1.1
mA
I/O0 to I/O7 are DACs and sampled by the ADC,
internal reference, gain = 1
0.78
mA
I/O0 to I/O7 are DACs and sampled by the ADC,
external reference, gain = 1
0.75
mA
I/O0 to I/O7 are ADCs, internal reference, gain = 1
0.5
mA
I/O0 to I/O7 are ADCs, external reference, gain = 1
0.45
mA
I/O0 to I/O7 are general-purpose outputs
0.45
mA
I/O0 to I/O7 are general-purpose inputs
VLOGIC
1.8
VDD
V
ILOGIC
3.5
μA
1 When using the internal ADC buffer, there is a dead band of 0 V to 5 mV.
2 Guaranteed by design and characterization; not production tested.
3 All specifications expressed in decibels are referred to full-scale input, FSR, and tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
4 DC specifications tested with the outputs unloaded, unless otherwise noted. Linearity calculated using a reduced code range of 8 to 4085. An upper dead band of
10 mV exists when VREF = VDD.
5 When drawing a load current at either rail, the output voltage headroom with respect to that rail is limited by the 25 Ω typical channel resistance of the output
devices. For example, when sinking 1 mA, the minimum output voltage = 25 Ω × 1 mA = 25 mV (see Figure 26 and Figure 27).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com