Electronic Components Datasheet Search
  English  ▼

X  

SSD1332 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SSD1332
Description  OLED/PLED Segment/Common Driver with Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1332 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SSD1332 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
SOLOMO
SOLOMO
SOLOMO
SOLOMON SYSTECH LIMITED
N SYSTECH LIMITED
N SYSTECH LIMITED
N SYSTECH LIMITED
SEMICONDUCTOR TECHNICAL DATA
This document contains information on a new product under definition stage. Solomon Systech Ltd. reserves the right to change or
discontinue this product without notice.
Copyright
 2003 SOLOMON Systech Limited
Rev 0.23
08/2003
SSD1332
Product Preview
OLED/PLED Segment/Common Driver with Controller
CMOS
General Description
SSD1332 is a single-chip CMOS OLED/PLED driver with controller for organic/polymer light
emitting diode dot-matrix graphic display system. SSD1332 consists of 288 segments (96RGB) and 64
commons. This IC is designed for Common Cathode type OLED panel.
SSD1332 displays data directly from its internal 96x64x16 bits Graphic Data RAM (GDDRAM).
Data/Commands are sent from general MCU through the hardware selectable 6800/8000 series
compatible Parallel Interface or Serial Peripheral Interface. SSD1332 has a 256 steps contrast control
and 65K color control.
FEATURES
Support max. 96RGB x 64 matrix panel
Power supply: VDD=2.4V - 3.5V
VCC=8.0V - 18.0V
OLED driving output voltage, 16V maximum
DC-DC voltage converter
Segment maximum source current: 200uA
Common maximum sink current: 50mA
Embedded 96x64x16 bit SRAM display buffer
16 step master current control, and 256 step current control for the three color components
Programmable Frame Rate
Graphic Acceleration Command Set (GAC)
8-bit 6800-series Parallel Interface, 8-bit 8080-series Parallel Interface, Serial Peripheral
Interface.
Wide range of operating temperature: -30 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com