Electronic Components Datasheet Search
  English  ▼

X  

SSD1332 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SSD1332
Description  OLED/PLED Segment/Common Driver with Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1332 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SSD1332 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
SSD1332
Rev 0.23
08/2003
SOLOMON
9
FUNCTIONAL BLOCK DESCRIPTIONS
Oscillator Circuit and Display Time Generator
Divider
Internal
Oscillator
M
U
X
CL
CLK
DCLK
Internal
Display
Clock
Figure 3 - Oscillator Circuit
This module is an On-Chip low power RC oscillator circuitry (Figure 3). The oscillator generates the clock for the
Display Timing Generator.
Reset Circuit
When RES# input is low, the chip is initialized with the following status:
1. Display is OFF
2. 64 mux Display Mode
3. Normal segment and display data column address and row address mapping (SEG0 mapped to
address 00H and COM0 mapped to address 00H)
4. Shift register data clear in serial interface
5. Display start line is set at display RAM address 0
6. Column address counter is set at 0
7. Normal scan direction of the COM outputs
8. Master contrast control register is set at 16H
9. Individual contrast control registers of color A, B, and C are set at 80H
Command Decoder and Command Interface
This module determines whether the input data is interpreted as data or command. Data is interpreted
based upon the input of the D/C# pin.
If D/C# pin is high, data is written to Graphic Display Data RAM (GDDRAM). If it is low, the input at D7-D0
is interpreted as a Command and it will be decoded and be written to the corresponding command
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com