Electronic Components Datasheet Search
  English  ▼

X  

SSD1332 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SSD1332
Description  OLED/PLED Segment/Common Driver with Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1332 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SSD1332 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SSD1332
Rev 0.23
08/2003
SOLOMON
7
PIN DESCRIPTION
BS0, BS1, BS2
These pins are MCU interface selection input. See the following table:
6800-parallel
interface
(8 bit)
8080-parallel
interface
(8 bit)
Serial
interface
BS0
0
0
0
BS1
0
1
0
BS2
1
1
0
CS#
This pin is the chip select input. The chip is enabled for MCU communication only when CS# is pulled
low.
RES#
This pin is reset signal input. When the pin is low, initialization of the chip is executed.
D/C#
This pin is Data/Command control pin. When the pin is pulled high, the data at D7-D0 is treated as display
data. When the pin is pulled low, the data at D7-D0 will be transferred to the command register. For detail
relationship to MCU interface signals, please refer to the Timing Characteristics Diagrams.
R/W#(WR#)
This pin is MCU interface input. When interfacing to a 6800-series microprocessor, this pin will be used as
Read/Write (R/W#) selection input. Read mode will be carried out when this pin is pulled high and write
mode when low.
When 8080 interface mode is selected, this pin will be the Write (WR#) input. Data write operation is
initiated when this pin is pulled low and the chip is selected.
When serial interface is selected, this pin E(RD#) must be connected to VSS.
E (RD#)
This pin is MCU interface input. When interfacing to a 6800-series microprocessor, this pin will be used as
the Enable (E) signal. Read/write operation is initiated when this pin is pulled high and the chip is
selected.
When connecting to an 8080-microprocessor, this pin receives the Read (RD#) signal. Data read
operation is initiated when this pin is pulled low and the chip is selected.
When serial interface is selected, this pin E(RD#) must be connected to VSS.
D7-D0
These pins are 8-bit bi-directional data bus to be connected to the microprocessor’s data bus.
VDD
Power Supply pin. This is also the reference for the OLED driving voltages. It must be connected to
external source.
VSS
Ground. It also acts as a reference for the logic pins. It must be connected to external ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com