Electronic Components Datasheet Search
  English  ▼

X  

SSD1332 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # SSD1332
Description  OLED/PLED Segment/Common Driver with Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1332 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button SSD1332 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
SSD1332
Rev 0.23
08/2003
SOLOMON
17
AC CHARACTERISTICS
Table 6 - AC Characteristics (Unless otherwise specified, Voltage Referenced to VSS, VDD = 2.4 to 3.5V,
TA = 25°C.)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
FOSC
Oscillation Frequency of Display
Timing Generator
Vdd = 2.7V, IREF = 12uA
-
0.97
-
MHz
FFRM
Frame Frequency for 64 MUX
Mode
96RGB x 64 Graphic Display
Mode, Display ON, Internal
Oscillator Enabled
-
FOSC X
1/(D*K*64)
-
Hz
D: divide ratio (POR =1)
K: number of display clocks (POR = 125)
Refer to command table for detail description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com