Electronic Components Datasheet Search
  English  ▼

X  

SSD1332 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # SSD1332
Description  OLED/PLED Segment/Common Driver with Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1332 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button SSD1332 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
SOLOMON
Rev 0.23
08/2003
SSD1332
12
COMMAND TABLE
Table 3 - Command table (D/C# =0, R/W#(WR#)=0, E (RD#)=1)
Hex
Command
Description
15
A[6:0]
B[6: 0]
Set Column Address
Second command A[7:0] sets the column
start address from 0-95, POR=00d.
Third command B[7:0] sets the column
end address from 0-95 POR=95d.
75
A[5:0]
B[5:0]
Set Row Address
Second command A[6:0]sets the row start
address from 0-63, POR=00d.
Third command B[6:0] sets the row end
address from 0-63, POR=63d.
81
A[7:0]
Set Contrast for Color A
(Segment Pins :SA0 – SA95)
Double byte command to select 1 out of
256 contrast steps. Contrast increases as
level increase. POR = 80H
82
A[7:0]
Set Contrast for Color B
(Segment Pins :SB0 – SB95)
Same as above
83
A[7:0]
Set Contrast for Color C
(Segment Pins :SC0 – SC95)
Same as above
87
A[3:0]
Master Current Control
Set A[3:0] from 0000, 0001… to 1111 to
adjust the master current attenuation
factor from 1/16, 2/16… to 16/16. POR
=1111b, for no attenuation.
A0
A[7:0]
Set Re-map & Data Format
A[0]=0, Horizontal address increment
(POR)
A[0]=1, Vertical address increment
A[1]=0, Column address 0 is mapped to
SEG0 (POR)
A[1]=1, Column address 131 is mapped to
SEG0
A[2]=0, Reserve
A[3]=0, Reserve
A[4]=0, Scan from COM 0 to COM [N –1]
A[4]=1, Scan from COM [N-1] to COM0.
Where N is the Multiplex ratio.
A[5]=0, Disable COM Split Odd Even
(POR)
A[5]=1,
Enable COM Split Odd Even
A[7:6]=00; 256 color format
= 01; 65k color format(POR)
Data formats are defined as
CCCBBBAA
for 256 color
CCCCCBBB
for 65k color
BBBAAAAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com