Electronic Components Datasheet Search
  English  ▼

X  

SSD1332 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # SSD1332
Description  OLED/PLED Segment/Common Driver with Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1332 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button SSD1332 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1332 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
SSD1332
Rev 0.23
08/2003
SOLOMON
13
Hex
Command
Description
A1
A[5:0]
Set Display Start Line
Set display RAM display start line register
from 0-63.
Display start line register is reset to 00H
after POR.
A2
A[5:0]
Set Display Offset
Set vertical scroll by COM from 0-63.
The value is reset to 00H after POR.
A4~A7
Set Display Mode
A4H=Normal Display (POR)
A5H=Entire Display On, all pixels turn on
at GS level 63
A6H=Entire Display Off, all pixels turns off
A7H=Inverse Display
A8
A[5:0]
Set Multiplex Ratio
The next command determines multiplex
ratio N from 16MUX-64MUX, POR=63d
(64MUX)
AE~AF
Set Display On/Off
AEH=Display off (POR)
AFH=Display on
B8
A[7:0] --PW1
B[7:0] --PW3
C[7:0] --PW5
D[7:0] --PW7
:
:
:
AE[7:0] --PW61
AF[7:0] --PW63
Set Gray Scale Table
The next 32 bytes of command set the
current drive pulse width of gray scale
level GS1, GS3, GS5 …GS63 as below:
A[7:0]=PW1, POR=1
B[7:0]=PW3, POR=5
C[7:0]=PW5, POR= 9
:
:
:
AE[7:0]=PW61, POR=121
AF[7:0]=PW63, POR=125
Note: GS0 has no current drive.
For GS2 GS4…GS62 :
PWn = (PWn-1+PWn+1)/2
Max pulse width is 125
E3
NOP
Command for No Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com