Electronic Components Datasheet Search
  English  ▼

X  

UDA1380 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # UDA1380
Description  Stereo audio coder-decoder for MD, CD and MP3
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

UDA1380 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button UDA1380 Datasheet HTML 9Page - Integrated Circuit Systems UDA1380 Datasheet HTML 10Page - Integrated Circuit Systems UDA1380 Datasheet HTML 11Page - Integrated Circuit Systems UDA1380 Datasheet HTML 12Page - Integrated Circuit Systems UDA1380 Datasheet HTML 13Page - Integrated Circuit Systems UDA1380 Datasheet HTML 14Page - Integrated Circuit Systems UDA1380 Datasheet HTML 15Page - Integrated Circuit Systems UDA1380 Datasheet HTML 16Page - Integrated Circuit Systems UDA1380 Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
2002 Sep 16
13
Philips Semiconductors
Product specification
Stereo audio coder-decoder
for MD, CD and MP3
UDA1380
8.2
ADC analog front-end
The analog front-end of the UDA1380 consists of one
stereo ADC with a selector in front of it (see Fig.6). Using
this selector one can either select the microphone input
with the microphone amplifier (LNA) with a fixed 29 dB
gain and VGA (no PGA, since a real microphone amplifier
is much better with respect to noise), or the line input which
has a PGA for having 0 or 6 dB gain (for supporting 1 and
2 V (RMS) input). The PGA also provides gain control from
0 to 24 dB in steps of 3 dB.
Remarks:
• The input impedance of the PGA (line input) is 12 kΩ, for
the LNA this is 5 k
Ω
• The LNA is standard equipped with a microphone power
supply. Since this normally requires two extra pins, this
feature will not be used inside the UDA1380. Instead,
the microphone supply block is replaced by the VGA
block.
8.2.1
APPLICATIONS AND POWER-DOWN MODES
The following Power-down modes and functional modes
are supported:
• Power-down mode in which the power consumption is
very low (only leakage currents)
In this mode there is no reference voltage at the line
input
• Line input mode, in which the PGA can be used
• Microphone mode, in which the rest of the non-used
PGAs and ADCs are powered-down
• Mixed PGA and LNA mode: one line input and one
microphone input.
More information on the analog frond-end is given in
Section 8.11.1.
handbook, full pagewidth
PGA
ADC
SEL_MIC
bitstream
right
ADC
SDC
bitstream
left
MGU530
PGA
31
(27)
(29)
(31)
VINL
1
VINR
3
VINM
SDC
LNA
SDC
Fig.6 Analog front-end.
Pin numbers for UDA1380HN in parentheses.
8.2.2
LNA WITH VGA
The LNA is equipped with a VGA. The function of the VGA
is to have additional variable analog gain from 0 to 30 dB
in steps of 2 dB. This provides more flexibility in the choice
of the microphone.
8.2.3
APPLICATIONS WITH 2V(RMS) INPUT
For the line input it is preferable to have 0 dB and 6 dB
gain settings in order to be able to apply both
1 and 2 V (RMS) input signals, using a series resistance.
For this purpose a PGA is used which has 0 to 24 dB gain,
in steps of 3 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com