Electronic Components Datasheet Search
  English  ▼

X  

UDA1380 Datasheet(PDF) 30 Page - Integrated Circuit Systems

Part # UDA1380
Description  Stereo audio coder-decoder for MD, CD and MP3
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

UDA1380 Datasheet(HTML) 30 Page - Integrated Circuit Systems

Back Button UDA1380 Datasheet HTML 26Page - Integrated Circuit Systems UDA1380 Datasheet HTML 27Page - Integrated Circuit Systems UDA1380 Datasheet HTML 28Page - Integrated Circuit Systems UDA1380 Datasheet HTML 29Page - Integrated Circuit Systems UDA1380 Datasheet HTML 30Page - Integrated Circuit Systems UDA1380 Datasheet HTML 31Page - Integrated Circuit Systems UDA1380 Datasheet HTML 32Page - Integrated Circuit Systems UDA1380 Datasheet HTML 33Page - Integrated Circuit Systems UDA1380 Datasheet HTML 34Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
2002 Sep 16
30
Philips Semiconductors
Product specification
Stereo audio coder-decoder
for MD, CD and MP3
UDA1380
11.1
Evaluation modes and clock settings
Table 17 Register address 00H
Table 18 Description of register bits
BIT
15
14
13
12
11
10
9
8
Symbol
EV2
EV1
EV0
−
EN_ADC
EN_DEC
EN_DAC
EN_INT
Default
0
0
0
0
0
1
0
1
BIT
7
6
5
4
3
2
1
0
Symbol
−−
ADC_CLK
DAC_CLK
sys_div1
sys_div0
PLL1
PLL0
Default
0
0
0
0
0
0
1
0
BIT
SYMBOL
DESCRIPTION
15 to 13
EV[2:0]
Evaluation bits. Bits EV2, EV1 and EV0 are special control bits for
manufacturer’s evaluation and must always be kept at their default values for
normal operation of UDA1380; default value 000, see Table 17.
12
−
default value 0
11
EN_ADC
ADC clock enable. A 1-bit value to enable the system clock (from SYSCLK
input) to the analog part of the ADC. See Fig.5 for more detailed information.
When this bit is logic 0: clock to ADC disabled and when this bit is logic 1: clock
to ADC running. Default value 0.
10
EN_DEC
Decimator clock enable. A 1-bit value to enable the 128fs clock to the
decimator, the 128fs part of the I2S-bus output block and the clock to the ADC
L3-bus or I2C-bus registers. See Fig.5 for more detailed information. When this
bit is logic 0: clock to the decimator disabled. When this bit is logic 1: clock to
the decimator running. Default value 1.
9
EN_DAC
FSDAC clock enable. A 1-bit value to enable the 256fs clock to the analog part
of the FSDAC. See Fig.5 for more detailed information. When this bit is logic 0:
clock to FSDAC disabled. When this bit is logic 1: clock to the FSDAC running.
Default value 0.
8
EN_INT
Interpolator clock enable. A 1-bit value to enable the 128fs clock to the
interpolator, the 128fs part of the I2S-bus input block and the interpolator
registers of the L3-bus or I2C-bus interface. See Fig.5 for more detailed
information. When this bit is logic 0: clock to the interpolator disabled. When
this bit is logic 1: clock to the interpolator running. Default value 1.
7 and 6
−
default value 00
5
ADC_CLK
ADC clock select. A 1-bit value to select the 128fs clock and the clock of the
analog part for the decimator and the ADC. This can either be the clock derived
from the SYSCLK input or from the WSPLL. When this bit is logic 0: SYSCLK
is used. When this bit is logic 1: WSPLL is used. Default value 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com