Electronic Components Datasheet Search
  English  ▼

X  

UDA1380 Datasheet(PDF) 63 Page - Integrated Circuit Systems

Part # UDA1380
Description  Stereo audio coder-decoder for MD, CD and MP3
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

UDA1380 Datasheet(HTML) 63 Page - Integrated Circuit Systems

Back Button UDA1380 Datasheet HTML 59Page - Integrated Circuit Systems UDA1380 Datasheet HTML 60Page - Integrated Circuit Systems UDA1380 Datasheet HTML 61Page - Integrated Circuit Systems UDA1380 Datasheet HTML 62Page - Integrated Circuit Systems UDA1380 Datasheet HTML 63Page - Integrated Circuit Systems UDA1380 Datasheet HTML 64Page - Integrated Circuit Systems UDA1380 Datasheet HTML 65Page - Integrated Circuit Systems UDA1380 Datasheet HTML 66Page - Integrated Circuit Systems UDA1380 Datasheet HTML 67Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
2002 Sep 16
63
Philips Semiconductors
Product specification
Stereo audio coder-decoder
for MD, CD and MP3
UDA1380
0.5
1.00
A4
max.
Eh
b
UNIT
y
e
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
5.05
4.95
Dh
3.25
2.95
y1
5.05
4.95
3.25
2.95
e1
3.5
e2
3.5
0.35
0.18
0.80
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT617-1
MO-220
0.50
0.30
L
0.2
v
0.1
w
0
2.5
5 mm
scale
SOT617-1
HVQFN32: plastic, heatsink very thin quad flat package; no leads;
32 terminals; body 5 x 5 x 0.85 mm
A
max.
A
A4
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
916
32
25
24
17
8
1
X
D
E
C
B
A
e2
terminal 1
index area
01-06-07
01-08-08
pin 1 index
1/2
e
1/2
e
A
C
C
B
∅ v M
∅ w M
E(1)
Note
1. Plastic or metal protrusions of 0.076 mm maximum per side are not included.
D(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com